Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3334B0150 Datasheet(PDF) 10 Page - Pulse A Technitrol Company

Part # W3334B0150
Description  FPC ANTENNA 2.4
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W3334B0150 Datasheet(HTML) 10 Page - Pulse A Technitrol Company

Back Button W3334B0150 Datasheet HTML 6Page - Pulse A Technitrol Company W3334B0150 Datasheet HTML 7Page - Pulse A Technitrol Company W3334B0150 Datasheet HTML 8Page - Pulse A Technitrol Company W3334B0150 Datasheet HTML 9Page - Pulse A Technitrol Company W3334B0150 Datasheet HTML 10Page - Pulse A Technitrol Company W3334B0150 Datasheet HTML 11Page - Pulse A Technitrol Company W3334B0150 Datasheet HTML 12Page - Pulse A Technitrol Company W3334B0150 Datasheet HTML 13Page - Pulse A Technitrol Company W3334B0150 Datasheet HTML 14Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Issue: 1713P
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: FPC Antenna 2.4/5.xGHz/DSRC
Series: Internal Antenna
PART NUMBER: W3334XXXXX
CHARTS
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
2400MHz
2450MHz
2500MHz
Theta Angle (°)
-4.38
1.16
110
-4.99
-0.27
165
-4.66
0.27
140
ZX Plane
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2400MHz
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2450MHz
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2500MHz
Z
X
10
Gain Plots
X
Y
Z


Similar Part No. - W3334B0150

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3334B0150 PULSE-W3334B0150 Datasheet
1Mb / 14P
   Internal Antenna
W3334B0150 PULSE-W3334B0150 Datasheet
760Kb / 4P
   : Flexible PCB Antennas ISM, WiFi ,2G/3G/4G, LTE, GNSS
W3334B0150 PULSE-W3334B0150 Datasheet
1Mb / 15P
   FPC Antenna 2.4/5.xGHz/DSRC
More results

Similar Description - W3334B0150

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3917B0050 PULSE-W3917B0050 Datasheet
1Mb / 14P
   2.4/5GHZ FPC ANTENNA
W3918B0050 PULSE-W3918B0050 Datasheet
1Mb / 14P
   2.4/5GHZ FPC ANTENNA
W3918XXXX PULSE-W3918XXXX Datasheet
1Mb / 14P
   Description: 2.4/5GHz FPC antenna
W3334XXXXX PULSE-W3334XXXXX Datasheet
1Mb / 15P
   FPC Antenna 2.4/5.xGHz/DSRC
logo
AVX Corporation
1003893FT AVX-1003893FT Datasheet
656Kb / 5P
   BT Tunable FPC 2.4 GHz Embedded Antenna
9/27/2021
logo
Pulse A Technitrol Comp...
W3961XXXXX PULSE-W3961XXXXX Datasheet
923Kb / 7P
   CBRS FPC Antenna FPC Antenna
W3920B0050 PULSE-W3920B0050 Datasheet
1Mb / 11P
   5G FPC ANTENNA
W3921B0039 PULSE-W3921B0039 Datasheet
1Mb / 12P
   FPC 2.4G ANTENNA
W3921XXXX PULSE-W3921XXXX Datasheet
1Mb / 12P
   FPC 2.4G antenna
W3908B0100 PULSE-W3908B0100 Datasheet
511Kb / 9P
   GNSS FPC Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com