Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILQ615-4 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # ILQ615-4
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ615-4 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button ILQ615-4 Datasheet HTML 2Page - Vishay Siliconix ILQ615-4 Datasheet HTML 3Page - Vishay Siliconix ILQ615-4 Datasheet HTML 4Page - Vishay Siliconix ILQ615-4 Datasheet HTML 5Page - Vishay Siliconix ILQ615-4 Datasheet HTML 6Page - Vishay Siliconix ILQ615-4 Datasheet HTML 7Page - Vishay Siliconix ILQ615-4 Datasheet HTML 8Page - Vishay Siliconix ILQ615-4 Datasheet HTML 9Page - Vishay Siliconix ILQ615-4 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.vishay.com
For technical questions, contact: optocoupleranswers@vishay.com
Document Number: 83652
6
Rev. 1.6, 04-Mar-11
ILD615, ILQ615
Vishay Semiconductors Optocoupler, Phototransistor Output
(Dual, Quad Channel)
SATURATED
Rise time
VCC = 5 V, RL = 1 k,
VTH = 1.5 V
ILD615-1
tr
2μs
ILQ1615-1
ILD615-2
tr
2.8
μs
ILQ615-2
ILD615-3
tr
2.8
μs
ILQ615-3
ILD615-4
tr
4.6
μs
ILQ615-4
Turn-off time
VCC = 5 V, RL = 1 k,
VTH = 1.5 V
ILD615-1
toff
18
μs
ILQ615-1
ILD615-2
toff
25
μs
ILQ615-2
ILD615-3
toff
25
μs
ILQ615-3
ILD615-4
toff
25
μs
ILQ615-4
Fall time
VCC = 5 V, RL = 1 k,
VTH = 1.5 V
ILD615-1
tf
11
μs
ILQ615-1
ILD615-2
tf
14
μs
ILQ615-2
ILD615-3
tf
14
μs
ILQ615-3
ILD615-4
tf
15
μs
ILQ615-4
Propagation H to L
VCC = 5 V, RL = 1 k,
VTH = 1.5 V
ILD615-1
tPHL
1.6
μs
ILQ615-1
ILD615-2
tPHL
2.6
μs
ILQ615-2
ILD615-3
tPHL
2.6
μs
ILQ615-3
ILD615-4
tPHL
5.4
μs
ILQ615-4
Propagation L to H
VCC = 5 V, RL = 1 k,
VTH = 1.5 V
ILD615-1
tPLH
8.6
μs
ILQ615-1
ILD615-2
tPLH
7.2
μs
ILQ615-2
ILD615-3
tPLH
7.2
μs
ILQ615-3
ILD615-4
tPLH
7.4
μs
ILQ615-4
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
COMMON MODE TRANSIENT IMMUNITY (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Common mode rejection output high
VCM = 50 VP-P, RL = 1 k, IF = 0 mA
CMH
5000
V/μs
Common mode rejection output low
VCM = 50 VP-P, RL = 1 k, IF = 0 mA
CML
5000
V/μs
Common mode coupling capacitance
CCM
0.01
pF


Similar Part No. - ILQ615-4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILQ615-4 SIEMENS-ILQ615-4 Datasheet
95Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
ILQ615-4 VISHAY-ILQ615-4 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILQ615-4 VISHAY-ILQ615-4 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ615-4X001 VISHAY-ILQ615-4X001 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ615-4X007 VISHAY-ILQ615-4X007 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
More results

Similar Description - ILQ615-4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILQ621 VISHAY-ILQ621 Datasheet
240Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD1 VISHAY-ILD1_V02 Datasheet
193Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ615 VISHAY-ILQ615_V01 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ74 VISHAY-ILQ74_V01 Datasheet
187Kb / 8P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILD621 VISHAY-ILD621_V02 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD1-X009T VISHAY-ILD1-X009T Datasheet
200Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.8, 28-Jun-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com