Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILQ615-3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ILQ615-3
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ615-3 Datasheet(HTML) 2 Page - Vishay Siliconix

  ILQ615-3 Datasheet HTML 1Page - Vishay Siliconix ILQ615-3 Datasheet HTML 2Page - Vishay Siliconix ILQ615-3 Datasheet HTML 3Page - Vishay Siliconix ILQ615-3 Datasheet HTML 4Page - Vishay Siliconix ILQ615-3 Datasheet HTML 5Page - Vishay Siliconix ILQ615-3 Datasheet HTML 6Page - Vishay Siliconix ILQ615-3 Datasheet HTML 7Page - Vishay Siliconix ILQ615-3 Datasheet HTML 8Page - Vishay Siliconix ILQ615-3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
For technical questions, contact: optocoupleranswers@vishay.com
Document Number: 83652
2
Rev. 1.6, 04-Mar-11
ILD615, ILQ615
Vishay Semiconductors Optocoupler, Phototransistor Output
(Dual, Quad Channel)
Notes
• Also available in tubes; do not add T to end.
• Additional options may be possible, please contact sales office.
ORDERING INFORMATION
I
L
x
615
-
#
X
0##
T
PART NUMBER
x = D (Dual) or Q (Quad)
CTR
BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY
CERTIFIED/PACKAGE
DUAL CHANNEL
QUAD CHANNEL
CTR (%)
10 mA
UL, CSA, BSI, VDE
40 to 80
63 to 125
100 to 200
160 to 320
40 to 80
63 to 125
100 to 200
160 to 320
DIP-8
ILD615-1
ILD615-2
ILD615-3
ILD615-4
-
-
-
-
DIP-8, 400 mil, option 6
-
-
-
ILD615-4X006
-
-
-
-
SMD-8, option 7
ILD615-1X007T
---
-
-
--
SMD-8, option 9
ILD615-1X009 ILD615-2X009T(1) ILD615-3X009T ILD615-4X009T(1)
--
-
-
DIP-16
----
ILQ615-1
ILQ615-2
ILQ615-3
ILQ615-4
SMD-16, option 7
----
-
ILQ615-2X007 ILQ615-3X007T(1) ILQ615-4X007
SMD-16, option 9
----
ILQ615-1X009
-
ILQ615-3X009T(1) ILQ615-4X009T(1)
VDE
40 to 80
63 to 125
100 to 200
160 to 320
40 to 80
63 to 125
100 to 200
160 to 320
DIP-8
-
ILD615-2X001
-
ILD615-4X001
-
-
-
-
DIP-8, 400 mil, option 6
-
ILD615-2X016
ILD615-3X016
ILD615-4X016
-
-
-
-
SMD-8, option 7
-
-
ILD615-3X017T(1)
--
-
-
-
DIP-16
----
-
-
ILQ615-3X001
ILQ615-4X001
DIP-16, 400 mil, option 6
----
-
-
ILQ615-3X016
-
SMD-16, option 7
----
-
ILQ615-2X017
--
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Surge current
IFSM
1.5
A
Power dissipation
Pdiss
100
mW
Derate linearly from 25 °C
1.33
mW/°C
OUTPUT
Collector emitter breakdown voltage
BVCEO
70
V
Emitter collector breakdown voltage
BVECO
7V
Collector current
IC
50
mA
t < 1 ms
IC
100
mA
Power dissipation
Pdiss
150
mW
Derate linearly from 25 °C
2mW/°C
> 0.1 mm
10.16 mm
> 0.7 mm
7.62 mm
DIP
Option 7
Option 6
Option 9


Similar Part No. - ILQ615-3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILQ615-3 SIEMENS-ILQ615-3 Datasheet
95Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
ILQ615-3 VISHAY-ILQ615-3 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILQ615-3 VISHAY-ILQ615-3 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ615-3X006 VISHAY-ILQ615-3X006 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILQ615-3X007T VISHAY-ILQ615-3X007T Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results

Similar Description - ILQ615-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILQ621 VISHAY-ILQ621 Datasheet
240Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD1 VISHAY-ILD1_V02 Datasheet
193Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ615 VISHAY-ILQ615_V01 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ74 VISHAY-ILQ74_V01 Datasheet
187Kb / 8P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILD621 VISHAY-ILD621_V02 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD1-X009T VISHAY-ILD1-X009T Datasheet
200Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.8, 28-Jun-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com