Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1434 Datasheet(PDF) 5 Page - Mitsumi Electronics, Corp.

Part # MM1434
Description  Q Xpander Processors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1434 Datasheet(HTML) 5 Page - Mitsumi Electronics, Corp.

  MM1434 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1434 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1434 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1434 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1434 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1434 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1434 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1434 Datasheet HTML 8Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Note 1 : f=1kHz, It is input voltage that THD of output voltage is 1%. Then the signals that are inputted in SG1
and SG2 are in phase. The difference of phase between the left input signal and the right one is 0°.
Note 2 : f=1kHz, It is input voltage that THD of output voltage is 1%. The difference of phase between the left
input signal and the right one is 180°.
Note 3 : High-Level input voltage of BYP terminal (3pin) (Q Xpander MODE)
Note 4 : Low-Level input voltage of BYP terminal (3pin) (bypass MODE)
Note 5 : Input current of BYP terminal (3pin) (Vbyp=5V)
Note 6 : Input current of BYP terminal (3pin) (Vbyp=0v)
Note 7 : The mute signal which switches off the power supply of a power amplifier that is connected with
MM1434 appears in the 10 terminal.
When the power supply of MM1434 is switched off, the pop noise occur.
We recommend muting the pop noise. The way is that the power supply of MM1434 is switched off
after the power supply of the follow power amplifier is switched off.
Note 8 : We recommend using the regulator for the power supply which occurs the ripple.
Note 9 : When the signal is input in SG1, it is the ratio of 7pin output voltage to 9pin output voltage.
Note 10 : When the signal is input in SG2, it is the ratio of 9pin output voltage to 7pin output voltage.
MITSUMI
Q Xpander Processors MM1434
Item
Symbol
Measurement conditions
Min. Typ. Max. Unit
Bypass pin voltage (H)
Vbyph
*3
2.1
V
Bypass pin voltage (L)
Vbypl
*4
0.7
V
Bypass pin current (H)
Ibyph
Vbyp=5V *5 TP5
350
µA
Bypass pin current (L)
Ibypl
Vbyp=0V *6 TP5
-10
µA
Recommended power supply off time
TvOFF
*7
0.1
1.0
S
DET terminal voltage (H)
Vdeth
*7 TP6
7.5
V
DET terminal voltage (L)
Vdetl
*7 TP6
0.7
V
VREF terminal current
Iref
SW2 : B
-2.2
-0.6
1
µA
Input resistance
RIN
TP3, TP4
21
30
39
k
Power supply ripple
PSRRqx
SG3 : 50mVrms, 100Hz
-40
-30
dB
rejection ratio Q Xpander
SW1 : B *8 TP1, TP2
Power supply ripple
PSRRby
SG3 : 50mVrms, 100Hz SW1 : B *8
-55
-40
dB
rejection ratio bypass
Vbyp=0V TP1, TP2
Crosstalk (1)
Ct1
SG1 : 0.5Vrms, 1kHz SW3 : B *9
-85
-70
dB
Vbyp=0V TP1, TP2
Crosstalk (2)
Ct2
SG2 : 0.5Vrms, 1kHz SW4 : B *10
-85
-70
dB
Vbyp=0V TP1, TP2
VCC=8V
VCC waveform (Pin 16)
DET pin waveform (Pin 10)
0V
Vdeth
VdetI
Tvoff


Similar Part No. - MM1434

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1431 MITSUMI-MM1431 Datasheet
89Kb / 5P
   Precision Adjustable Shunt Regulator
MM1431AN MITSUMI-MM1431AN Datasheet
56Kb / 5P
   Precision Adjustable Shunt Regulator
MM1431ANRE MITSUMI-MM1431ANRE Datasheet
89Kb / 5P
   Precision Adjustable Shunt Regulator
MM1431AT MITSUMI-MM1431AT Datasheet
56Kb / 5P
   Precision Adjustable Shunt Regulator
MM1431AT MITSUMI-MM1431AT Datasheet
89Kb / 5P
   Precision Adjustable Shunt Regulator
More results

Similar Description - MM1434

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1326 MITSUMI-MM1326 Datasheet
268Kb / 9P
   Q Xpander Processors
logo
STMicroelectronics
STMPE1208S STMICROELECTRONICS-STMPE1208S_08 Datasheet
721Kb / 51P
   Xpander Logic with 12-channel touchkey
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
   8-bit port expander Xpander logic
STMPE821 STMICROELECTRONICS-STMPE821 Datasheet
646Kb / 55P
   8-bit Xpander Logic??with touchkey controller
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
   Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
logo
NXP Semiconductors
PNX1300 PHILIPS-PNX1300 Datasheet
5Mb / 548P
   Media Processors
2002 Feb 15
logo
Freescale Semiconductor...
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
   Communications Processors
logo
Micronas
TPU3035 MICRONAS-TPU3035 Datasheet
1Mb / 73P
   Teletext Processors
logo
Texas Instruments
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
logo
Maxim Integrated Produc...
71M6545 MAXIM-71M6545_V01 Datasheet
2Mb / 133P
   Metrology Processors
2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com