Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1069 Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # MM1069
Description  Sync Detector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1069 Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  MM1069 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1069 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1069 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1069 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1069 Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MITSUMI
Sync Detector MM1069
Electrical Characteristics
(Except where noted otherwise, Ta=25°C, VCC=5.0V, X=CSB503F2,
R=390 [OHM], C=3300pF, SW1=OFF)
*1 Signal 1 : Pulse signal with 0.3V amplitude and pulse width 4.7µS
*2 Measuring horizontal sync signal pull-in range for NTSC
Adjust signal 1 frequency toward 15.734kHz. The measurement value is the smaller of signal 1 frequency
when TP2 level switches from high to low, and the difference from 15.734.
*3 Measuring horizontal sync signal pull-in range for PAL
Adjust signal 1 frequency toward 15.625kHz. The measurement value is the smaller of signal 1 frequency
when TP2 level switches from high to low, and the difference from 15.625.
*4 Measuring sync separation level
Gradually lower staircase wave signal sync tip level, and measure sync tip level when TP2 level switches
from low to high.
*5 Sync discrimination switching voltage measurement
Gradually change the voltage impressed on TP1, and measure TP5 voltage when TP2 output switches.
Signal 1 waveform
4.7uS
Item
Symbol
Measurement
Measurement conditions
Min. Typ. Max. Units
circuit
Operating power supply voltage
VCC
VCC
4.7
5.0
5.3
V
Consumption current
Id
Id
7.5
11.0 mA
32fH VCO free-running
fO1
TP3
497.1 503.5 509.9 kHz
frequency NTSC
Horizontal sync signal
fCAP
VIN
VIN : signal 1 *1 *2
300
500
Hz
acquisition range NTSC
32fH VCO free-running
fO2
TP3
X=CSB500F40, R=200OHM,
frequency PAL
C=4700pF
493.6 500.0 506.4 kHz
Horizontal sync signal
fCAP2VIN
X=CSB500F40, R=200OHM,
acquisition range PAL
C=4700pF, VIN : signal 1 *1 *3
300
500
Hz
LPF pin DC level
VLPF
TP4
SW1 : ON
0.9
1.4
1.9
V
Sync separation level
VSEPA
VIN
VIN : staircase wave 1VP-P *420 50 80 mV
Sync discrimination
VL4
TP2
VIN : staircase wave 1VP-P *5
0.2
0.4
V
output voltage L
Sync discrimination
VH4
TP2
VIN : no input signal *5
4.8
5.0
V
output voltage H
Sync discrimination
VTHL4
TP1
TP1 : DC voltage 5V
Low *5
2.0
2.3
2.6
V
switching voltage L
Sync discrimination
VTHH4
TP1
TP1 : DC voltage 0V
High *5 2.7 3.0 3.3 V
switching voltage H


Similar Part No. - MM1069

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MM106 WEITRON-MM106 Datasheet
161Kb / 3P
   Surface Mount Schottky Diodes
MM106 WEITRON-MM106 Datasheet
209Kb / 3P
   Surface Mount Schottky Diodes
logo
Mitsumi Electronics, Co...
MM1065 MITSUMI-MM1065 Datasheet
98Kb / 5P
   Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin
MM1065FM MITSUMI-MM1065FM Datasheet
98Kb / 5P
   Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin
MM1065FT MITSUMI-MM1065FT Datasheet
98Kb / 5P
   Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin
More results

Similar Description - MM1069

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1067 MITSUMI-MM1067 Datasheet
92Kb / 3P
   No-adjustment Sync Separator Sync Detector
logo
Rohm
BA7078AF ROHM-BA7078AF_1 Datasheet
306Kb / 6P
   Sync.Seperator/Sync. Detector IC for Multi-Sync. Monitor
logo
NTE Electronics
NTE1629 NTE-NTE1629 Datasheet
18Kb / 2P
   Integrated Circuit TV Sync Separator Detector
logo
Sanyo Semicon Device
LA7217 SANYO-LA7217 Datasheet
73Kb / 4P
   Synchronzing Signal Separator with AFC and Sync Detector
LA7217 SANYO-LA7217_11 Datasheet
57Kb / 4P
   Synchronizing Signal Separator with AFC and Sync Detector
logo
Texas Instruments
TVP5150A TI-TVP5150A Datasheet
375Kb / 79P
[Old version datasheet]   ULTRALOW POWER NTSC/PAL/SECAM VIDEO DECODER WITH REBUST SYNC DETECTOR
G2R-14-12VDC TI1-G2R-14-12VDC Datasheet
395Kb / 73P
[Old version datasheet]   Ultralow Power NTSC/PAL/SECAM Video Decoder With RObust Sync Detector
TVP5150A TI-TVP5150A Datasheet
355Kb / 72P
[Old version datasheet]   Ultralow Power NTSC/PAL/SECAM Video Decoder With Robust Sync Detector
logo
ON Semiconductor
NCP1410 ONSEMI-NCP1410 Datasheet
126Kb / 16P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
December, 2001 ??Rev. 2
NCP1410 ONSEMI-NCP1410_05 Datasheet
132Kb / 14P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
January, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com