Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2170IDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2170IDR
Description  36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2170IDR Datasheet(HTML) 1 Page - Texas Instruments

  TLV2170IDR Datasheet HTML 1Page - Texas Instruments TLV2170IDR Datasheet HTML 2Page - Texas Instruments TLV2170IDR Datasheet HTML 3Page - Texas Instruments TLV2170IDR Datasheet HTML 4Page - Texas Instruments TLV2170IDR Datasheet HTML 5Page - Texas Instruments TLV2170IDR Datasheet HTML 6Page - Texas Instruments TLV2170IDR Datasheet HTML 7Page - Texas Instruments TLV2170IDR Datasheet HTML 8Page - Texas Instruments TLV2170IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Package Footprint Comparison (to Scale)
Package Height
(to Scale)
Comparison
D (SO-8)
DBV (SOT23-5)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV170, TLV2170, TLV4170
SBOS782 – NOVEMBER 2016
TLVx170 36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for
Cost-Sensitive Systems
1
1 Features
1
Supply Range: 2.7 V to 36 V, ±1.35 V to ±18 V
Low Noise: 22 nV/
√Hz
EMI-Hardened with RFI-Filtered Inputs
Input Range Includes the Negative Supply
Unity-Gain Stable: 200-pF Capacitive Load
Rail-to-Rail Output
Gain Bandwidth: 1.2 MHz
Low Quiescent Current: 125 µA per Amplifier
High Common-Mode Rejection: 110 dB
Low Bias Current: 10 pA (typical)
2 Applications
Currency Counters
AC-DC Converters
Tracking Amplifiers in Power Modules
Server Power Supplies
Inverters
Test Equipment
Battery-Powered Instruments
Transducer Amplifiers
Line Drivers or Line Receivers
Smallest Packaging for 36-V Operational
Amplifiers
3 Description
The TLVx170 family of electromagnetic interference
(EMI)-hardened,
36-V,
single-supply,
low-noise
operational amplifiers (op amps) feature a THD+N of
0.0002% at 1 kHz with the ability to operate on
supplies ranging from 2.7 V (±1.35 V) to 36 V
(±18 V). These features, along with low noise and
very high power-supply rejection ratio (PSRR), make
the single-channel TLV170, dual-channel TLV2170,
and quad-channel TLV4170 suitable for use in
microvolt-level signal amplification. The TLVx170
family of devices also offer good offset, drift, and
bandwidth with low quiescent current.
Unlike most op amps that are specified at only one
supply voltage, the TLVx170 family of op amps is
specified from 2.7 V to 36 V with the ability to swing
input signals beyond the supply rails without phase
reversal. The TLVx170 family is also unity-gain stable
with a 200-pF capacitive load with a 1.2-MHz
bandwidth and a 0.4-V/μs slew rate for use in current-
to-voltage converters.
The device inputs can operate 100 mV below the
negative rail and within 2 V of the positive rail for
normal operation, and with full rail-to-rail input with
reduced performance. The TLVx170 devices are
specified from –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV170
SOIC (8)
4.90 mm × 3.91 mm
SOT-23 (5)
2.90 mm × 1.60 mm
TLV2170
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
TLV4170
SOIC (14)
8.65 mm × 3.91 mm
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - TLV2170IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2170IDR TI1-TLV2170IDR Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
More results

Similar Description - TLV2170IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV170 TI1-TLV170 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV2172-Q1 TI1-TLV2172-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifier for Cost-Sensitive Systems
TLV171-Q1 TI1-TLV171-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   36-V, Single-Supply, General-Purpose Operational Amplifier for Cost-Sensitive Automotive Systems
TLV9301 TI1-TLV9301 Datasheet
997Kb / 30P
[Old version datasheet]   40-V, 1-MHz, RRO operational amplifiers for cost-sensitive systems
OPA170-Q1 TI1-OPA170-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
TLV9301 TI-TLV9301_V05 Datasheet
3Mb / 57P
[Old version datasheet]   TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
AUGUST 2021
TLV9301 TI1-TLV9301_V02 Datasheet
2Mb / 49P
[Old version datasheet]   TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com