Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV70228 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV70228
Description  300-mA, Low-IQ, Low-Dropout Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70228 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV70228 Datasheet HTML 6Page - Texas Instruments TLV70228 Datasheet HTML 7Page - Texas Instruments TLV70228 Datasheet HTML 8Page - Texas Instruments TLV70228 Datasheet HTML 9Page - Texas Instruments TLV70228 Datasheet HTML 10Page - Texas Instruments TLV70228 Datasheet HTML 11Page - Texas Instruments TLV70228 Datasheet HTML 12Page - Texas Instruments TLV70228 Datasheet HTML 13Page - Texas Instruments TLV70228 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Thermal
Shutdown
Current
Limit
UVLO
Bandgap
IN
EN
OUT
LOGIC
GND
TLV702xxSeries
TLV702
SLVSAG6C – SEPTEMBER 2010 – REVISED MARCH 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TLV702 series of low-dropout (LDO) linear regulators are low quiescent current devices with excellent line
and load transient performance. These LDOs are designed for power-sensitive applications. A precision bandgap
and error amplifier provides overall 2% accuracy. Low output noise, very high power-supply rejection ratio
(PSRR), and low dropout voltage make this series of devices ideal for most battery-operated handheld
equipment. All device versions have integrated thermal shutdown, current limit, and undervoltage lockout
(UVLO).
7.2 Functional Block Diagrams
Figure 23. TLV702 Block Diagram
10
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TLV702


Similar Part No. - TLV70228

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70228 TI1-TLV70228 Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70228DBVR TI1-TLV70228DBVR Datasheet
710Kb / 26P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator High PSRR: 68 dB at 1 kHz
FEBRUARY2011
TLV70228DBVR TI1-TLV70228DBVR Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70228DBVR TI1-TLV70228DBVR Datasheet
1Mb / 28P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results

Similar Description - TLV70228

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_18 Datasheet
938Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1_18 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703 Datasheet
857Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI1-TLV70018-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   300-mA, Low-IQ Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com