Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7720 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7720
Description  High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7720 Datasheet(HTML) 4 Page - Texas Instruments

  ISO7720 Datasheet HTML 1Page - Texas Instruments ISO7720 Datasheet HTML 2Page - Texas Instruments ISO7720 Datasheet HTML 3Page - Texas Instruments ISO7720 Datasheet HTML 4Page - Texas Instruments ISO7720 Datasheet HTML 5Page - Texas Instruments ISO7720 Datasheet HTML 6Page - Texas Instruments ISO7720 Datasheet HTML 7Page - Texas Instruments ISO7720 Datasheet HTML 8Page - Texas Instruments ISO7720 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
ISO7720-Q1, ISO7721-Q1
SLLSEU1 – MARCH 2017
www.ti.com
Product Folder Links: ISO7720-Q1 ISO7721-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to the local ground terminal (GND1 or GND2) and are peak
voltage values.
(3)
Maximum voltage must not exceed 6 V.
6 Specifications
6.1 Absolute Maximum Ratings
See
(1).
MIN
MAX
UNIT
VCC1, VCC2
Supply voltage(2)
–0.5
6
V
V
Voltage at INx, OUTx
–0.5
VCC + 0.5
(3)
V
IO
Output current
–15
15
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per AEC Q100-002(1)
±6000
V
Charged-device model (CDM), per AEC Q100-011
±1500
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC1, VCC2
Supply voltage
2.25
5.5
V
VCC(UVLO+)
UVLO threshold when supply voltage is rising
2
2.25
V
VCC(UVLO-)
UVLO threshold when supply voltage is falling
1.7
1.8
V
VHYS(UVLO)
Supply voltage UVLO hysteresis
100
200
mV
IOH
High-level output current
VCCO
(1) = 5 V
–4
mA
VCCO = 3.3 V
–2
VCCO = 2.5 V
–1
IOL
Low-level output current
VCCO = 5 V
4
mA
VCCO = 3.3 V
2
VCCO = 2.5 V
1
VIH
High-level input voltage
0.7 × VCCI
(1)
VCCI
V
VIL
Low-level input voltage
0
0.3 × VCCI
V
DR
Signaling rate
0
100
Mbps
TA
Ambient temperature
–40
25
125
°C


Similar Part No. - ISO7720

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7720 TI1-ISO7720 Datasheet
716Kb / 33P
[Old version datasheet]   ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720 Datasheet
582Kb / 33P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720 Datasheet
2Mb / 42P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1 Datasheet
582Kb / 33P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720D TI1-ISO7720D Datasheet
716Kb / 33P
[Old version datasheet]   ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
More results

Similar Description - ISO7720

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7720 TI1-ISO7720_18 Datasheet
2Mb / 42P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1 Datasheet
582Kb / 33P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720 Datasheet
716Kb / 33P
[Old version datasheet]   ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com