Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA210BIRSWT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA210BIRSWT
Description  Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210BIRSWT Datasheet(HTML) 1 Page - Texas Instruments

  INA210BIRSWT Datasheet HTML 1Page - Texas Instruments INA210BIRSWT Datasheet HTML 2Page - Texas Instruments INA210BIRSWT Datasheet HTML 3Page - Texas Instruments INA210BIRSWT Datasheet HTML 4Page - Texas Instruments INA210BIRSWT Datasheet HTML 5Page - Texas Instruments INA210BIRSWT Datasheet HTML 6Page - Texas Instruments INA210BIRSWT Datasheet HTML 7Page - Texas Instruments INA210BIRSWT Datasheet HTML 8Page - Texas Instruments INA210BIRSWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
INA21x
V+
OUT
GND
IN-
IN+
C
BYPASS
0.01 F
m
to
0.1 F
m
2.7 V to 26 V
REF
Reference
Voltage
Supply
Load
R
SHUNT
Output
R
1
R
3
R
2
R
4
PRODUCT
R and R
3
4
INA210
INA211
INA212
INA213
INA214
5 kW
2 kW
1 kW
20 kW
10 kW
R and R
1
2
1 MW
1 MW
1 MW
1 MW
1 MW
GAIN
200
500
1000
50
100
SC70
INA215
13.3 kW
1 MW
75
V
= (I
R
) Gain + V
´
OUT
LOAD
SHUNT
REF
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437J – MAY 2008 – REVISED FEBRUARY 2017
INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional,
Zero-Drift Series, Current-Shunt Monitors
1
1 Features
1
Wide Common-Mode Range: –0.3 V to 26 V
Offset Voltage: ±35 μV (Maximum, INA210)
(Enables Shunt Drops of 10-mV Full-Scale)
Accuracy:
Gain Error (Maximum Over Temperature):
±0.5% (Version C)
±1% (Versions A and B)
0.5-µV/°C Offset Drift (Maximum)
10-ppm/°C Gain Drift (Maximum)
Choice of Gains:
INA210: 200 V/V
INA211: 500 V/V
INA212: 1000 V/V
INA213: 50 V/V
INA214: 100 V/V
INA215: 75 V/V
Quiescent Current: 100 μA (Maximum)
SC70 and Thin UQFN Packages: All Models
2 Applications
Notebook Computers
Cell Phones
Telecom Equipment
Power Management
Battery Chargers
3 Description
The
INA21x
are
voltage-output,
current-shunt
monitors (also called current-sense amplifiers) that
are
commonly
used
for
overcurrent
protection,
precision-current
measurement
for
system
optimization, or in closed-loop feedback circuits. This
series of devices can sense drops across shunts at
common-mode voltages from –0.3 V to 26 V,
independent of the supply voltage. Six fixed gains are
available: 50 V/V, 75 V/V, 100 V/V, 200 V/V, 500 V/V,
or 1000 V/V. The low offset of the zero-drift
architecture enables current sensing with maximum
drops across the shunt as low as 10-mV full-scale.
These devices operate from a single 2.7-V to 26-V
power supply, drawing a maximum of 100 µA of
supply current. All versions are specified over the
extended
operating
temperature
range
(–40°C to +125°C), and offered in SC70 and UQFN
packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA21x
SC70 (6)
2.00 mm × 1.25 mm
UQFN (10)
1.80 mm × 1.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - INA210BIRSWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA210BIRSWT TI1-INA210BIRSWT Datasheet
1Mb / 40P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional
More results

Similar Description - INA210BIRSWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA210 TI-INA210_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA190 TI1-INA190 Datasheet
369Kb / 20P
[Old version datasheet]   Low Supply, Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
logo
ON Semiconductor
NCS210R ONSEMI-NCS210R_V02 Datasheet
740Kb / 18P
   Current-Shunt Monitors, Voltage Output, Bidirectional, Zero-Drift, Low- or High-Side Current Sensing
June, 2023 - Rev. 9
NCS210R ONSEMI-NCS210R_V01 Datasheet
743Kb / 18P
   Current-Shunt Monitors, Voltage Output, Bidirectional Zero-Drift, Low- or High-Side Current Sensing
August, 2021 - Rev. 8
logo
Texas Instruments
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA212-Q1 TI1-INA212-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT
INA191 TI1-INA191 Datasheet
461Kb / 22P
[Old version datasheet]   Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA212-Q1 TI1-INA212-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Zero-Drift Series, Current-Shunt Monitors
INA240 TI1-INA240 Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com