Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R46KN322000H2M Datasheet(PDF) 7 Page - Kemet Corporation

Part # R46KN322000H2M
Description  R46 Series, Class X2, 275 VAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46KN322000H2M Datasheet(HTML) 7 Page - Kemet Corporation

Back Button R46KN322000H2M Datasheet HTML 3Page - Kemet Corporation R46KN322000H2M Datasheet HTML 4Page - Kemet Corporation R46KN322000H2M Datasheet HTML 5Page - Kemet Corporation R46KN322000H2M Datasheet HTML 6Page - Kemet Corporation R46KN322000H2M Datasheet HTML 7Page - Kemet Corporation R46KN322000H2M Datasheet HTML 8Page - Kemet Corporation R46KN322000H2M Datasheet HTML 9Page - Kemet Corporation R46KN322000H2M Datasheet HTML 10Page - Kemet Corporation R46KN322000H2M Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3006_R46_X2_275_125C • 10/18/2016
7
Metallized Polypropylene Film EMI Suppression Capacitors
R46 Series, Class X2, 275 VAC, 125ºC
Table 1 – Ratings & Part Number Reference
Capacitance
Value (µF)
Dimensions in mm
Lead Spacing
(p)
dV/dt
(V/µs)
New KEMET
Part Number
Legacy Part
Number
B
H
L
0.010
5.0
11.0
13.0
10.0
500
46KF2100(1)H1(2)
R46KF2100(1)H1(2)
0.015
5.0
11.0
13.0
10.0
500
46KF2150(1)H1(2)
R46KF2150(1)H1(2)
0.022
5.0
11.0
13.0
10.0
500
46KF2220(1)H1(2)
R46KF2220(1)H1(2)
0.033
5.0
11.0
13.0
10.0
500
46KF2330(1)H1(2)
R46KF2330(1)H1(2)
0.047
6.0
12.0
13.0
10.0
500
46KF2470(1)H1(2)
R46KF2470(1)H1(2)
0.068
6.0
12.0
13.0
10.0
500
46KF2680(1)H1(3)
R46KF2680(1)H1(3)
0.010
5.0
11.0
18.0
15.0
400
46KI2100(1)H1(2)
R46KI2100(1)H1(2)
0.015
5.0
11.0
18.0
15.0
400
46KI2150(1)H1(2)
R46KI2150(1)H1(2)
0.022
5.0
11.0
18.0
15.0
400
46KI2220(1)H1(2)
R46KI2220(1)H1(2)
0.033
5.0
11.0
18.0
15.0
400
46KI2330(1)H1(2)
R46KI2330(1)H1(2)
0.047
5.0
11.0
18.0
15.0
400
46KI2470(1)H1(2)
R46KI2470(1)H1(2)
0.068
5.0
11.0
18.0
15.0
400
46KI2680(1)H1(2)
R46KI2680(1)H1(2)
0.10
6.0
12.0
18.0
15.0
400
46KI3100(1)H1(2)
R46KI3100(1)H1(2)
0.15
6.0
17.5
18.0
15.0
400
46KI3150(1)H2(2)
R46KI3150(1)H2(2)
0.15
9.0
12.5
18.0
15.0
400
46KI3150(1)H3(2)
R46KI3150(1)H3(2)
0.15
7.5
13.5
18.0
15.0
400
46KI3150(1)H1(2)
R46KI3150(1)H1(2)
0.22
8.5
14.5
18.0
15.0
400
46KI3220(1)H1(2)
R46KI3220(1)H1(2)
0.22
6.0
17.5
18.0
15.0
400
46KI3220(1)H2(3)
R46KI3220(1)H2(3)
0.22
9.0
12.5
18.0
15.0
400
46KI3220(1)H3(3)
R46KI3220(1)H3(3)
0.22
7.5
18.5
18.0
15.0
400
46KI3220(1)H4(2)
R46KI3220(1)H4(2)
0.33
10.0
16.0
18.0
15.0
400
46KI3330(1)H1(3)
R46KI3330(1)H1(3)
0.33
7.5
18.5
18.0
15.0
400
46KI3330(1)H2(3)
R46KI3330(1)H2(3)
0.33
13.0
12.0
18.0
15.0
400
46KI3330(1)H3(3)
R46KI3330(1)H3(3)
0.47
11.0
19.0
18.0
15.0
400
46KI3470(1)H1(3)
R46KI3470(1)H1(3)
0.15
6.0
15.0
26.5
22.5
200
46KN3150(1)H1(2)
R46KN3150(1)H1(2)
0.22
6.0
15.0
26.5
22.5
200
46KN3220(1)H1(2)
R46KN3220(1)H1(2)
0.33
7.0
16.0
26.5
22.5
200
46KN3330(1)H1(2)
R46KN3330(1)H1(2)
0.47
10.0
18.5
26.5
22.5
200
46KN3470(1)H1(2)
R46KN3470(1)H1(2)
0.68
11.0
20.0
26.5
22.5
200
46KN3680(1)H1(2)
R46KN3680(1)H1(2)
1.0
13.0
22.0
26.5
22.5
200
46KN4100(1)H1(2)
R46KN4100(1)H1(2)
Capacitance Value (µF)
B (mm)
H (mm)
L (mm)
Lead
Spacing (p)
dV/dt (V/µs)
New KEMET
Part Number
Legacy Part Number
(1) Insert lead and packaging code. See Ordering Options Table for available options.
(2) M = ±20%, K = ±10%
(3) M = ±20% (only available tolerance).


Similar Part No. - R46KN322000H2M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KN322000M1M KEMET-R46KN322000M1M Datasheet
55Kb / 1P
   Capacitor, film, Metallized Polypropylene, 0.22 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
More results

Similar Description - R46KN322000H2M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KI322000M2K KEMET-R46KI322000M2K Datasheet
3Mb / 16P
   R46 Series, Class X2, 275 VAC, 110C
R46KI347000P0M KEMET-R46KI347000P0M Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
R463N322000H1M KEMET-R463N322000H1M Datasheet
901Kb / 18P
   R46, Class X2, 310 VAC, 125째C
1/13/2022
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
R46KF310000M1M KEMET-R46KF310000M1M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.1 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 10mm
R46KI22200001M KEMET-R46KI22200001M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.022 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KI333000M1M KEMET-R46KI333000M1M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.33 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KI24700001M KEMET-R46KI24700001M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.047 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KR433000M2M KEMET-R46KR433000M2M Datasheet
227Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 3.3 uF, 20%, 275 VAC (X2), 560 VDC, 110°C, Lead Spacing = 27.5mm
10/20/2022
R46KR447000M1M KEMET-R46KR447000M1M Datasheet
226Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 4.7 uF, 20%, 275 VAC (X2), 560 VDC, 110°C, Lead Spacing = 27.5mm
10/20/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com