Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7720FQDQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7720FQDQ1
Description  High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7720FQDQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7720FQDQ1 Datasheet HTML 3Page - Texas Instruments ISO7720FQDQ1 Datasheet HTML 4Page - Texas Instruments ISO7720FQDQ1 Datasheet HTML 5Page - Texas Instruments ISO7720FQDQ1 Datasheet HTML 6Page - Texas Instruments ISO7720FQDQ1 Datasheet HTML 7Page - Texas Instruments ISO7720FQDQ1 Datasheet HTML 8Page - Texas Instruments ISO7720FQDQ1 Datasheet HTML 9Page - Texas Instruments ISO7720FQDQ1 Datasheet HTML 10Page - Texas Instruments ISO7720FQDQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
ISO7720-Q1, ISO7721-Q1
www.ti.com
SLLSEU1 – MARCH 2017
Product Folder Links: ISO7720-Q1 ISO7721-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Safety-Related Certifications
DW package devices certified according to VDE, CSA, UL, and TUV; All other certifications are planned.
VDE
CSA
UL
CQC
TUV
Certified according to
DIN V VDE V 0884-10
(VDE V 0884-10):2006-
12
Certified under CSA
Component Acceptance
Notice 5A, IEC 60950-1,
and IEC 60601-1
Certified according to UL
1577 Component
Recognition Program
Plan to certify according to
GB4943.1-2011
Certified according to EN
61010-1:2010 (3rd Ed)
and EN 60950-
1:2006/A11:2009/A1:2010/
A12:2011/A2:2013
Maximum transient
isolation voltage, 8000
VPK (DW-16, Reinforced)
and 4242 VPK (D-8);
Maximum repetitive peak
isolation voltage, 1414
VPK (DW-16, Reinforced)
and 637 VPK (D-8);
Maximum surge isolation
voltage, 8000 VPK (DW-
16, Reinforced) and
5000 VPK (D-8)
Reinforced insulation per
CSA 60950-1-07+A1+A2
and IEC 60950-1 2nd Ed.,
800 VRMS (DW-16) and 400
VRMS (D-8) max working
voltage (pollution degree 2,
material group I);
DW-16: Single
protection, 5000 VRMS;
D-8: Single protection,
3000 VRMS
DW-16: Reinforced
Insulation, Altitude
≤ 5000
m, Tropical Climate, 400
VRMS maximum working
voltage;
D-8: Basic Insulation,
Altitude
≤ 5000 m, Tropical
Climate, 250 VRMS
maximum working voltage
5000 VRMS (DW-16) and
3000 VRMS (D-8)
Reinforced insulation per
EN 61010-1:2010 (3rd Ed)
up to working voltage of
600 VRMS (DW-16) and
300 VRMS (D-8)
2 MOPP (Means of Patient
Protection) per CSA 60601-
1:14 and IEC 60601-1 Ed.
3.1, 250 VRMS (DW-16) max
working voltage
5000 VRMS (DW-16) and
3000 VRMS (D-8)
Reinforced insulation per
EN 60950-
1:2006/A11:2009/A1:2010/
A12:2011/A2:2013 up to
working voltage of 800
VRMS (DW-16) and 400
VRMS (D-8)
Certificate number:
40040142
Master contract number:
220991
File number: E181974
Certification planned
Client ID number: 77311
6.8 Safety Limiting Values
Safety limiting intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A failure of
the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DW-16 PACKAGE
IS
Safety input, output, or supply
current
RθJA = 86.5 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C, see Figure 1
263
mA
RθJA = 86.5 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C, see Figure 1
401
RθJA = 86.5 °C/W, VI = 2.75 V, TJ = 150°C, TA = 25°C, see Figure 1
525
PS
Safety input, output, or total
power
RθJA = 86.5 °C/W, TJ = 150°C, TA = 25°C, see Figure 2
1445
mW
TS
Maximum safety temperature
150
°C
D-8 PACKAGE
IS
Safety input, output, or supply
current
RθJA = 137.7 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C, see Figure 3
165
mA
RθJA = 137.7 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C, see Figure 3
252
RθJA = 137.7 °C/W, VI = 2.75 V, TJ = 150°C, TA = 25°C, see Figure 3
330
PS
Safety input, output, or total
power
RθJA = 137.7 °C/W, TJ = 150°C, TA = 25°C, see Figure 4
908
mW
TS
Maximum safety temperature
150
°C
The maximum safety temperature is the maximum junction temperature specified for the device. The power
dissipation and junction-to-air thermal impedance of the device installed in the application hardware determines
the junction temperature. The assumed junction-to-air thermal resistance in the Thermal Information is that of a
device installed on a high-K test board for leaded surface-mount packages. The power is the recommended
maximum input voltage times the current. The junction temperature is then the ambient temperature plus the
power times the junction-to-air thermal resistance.


Similar Part No. - ISO7720FQDQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7720FQDWQ1 TI1-ISO7720FQDWQ1 Datasheet
582Kb / 33P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720FQDWRQ1 TI1-ISO7720FQDWRQ1 Datasheet
582Kb / 33P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
More results

Similar Description - ISO7720FQDQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7720 TI1-ISO7720_18 Datasheet
2Mb / 42P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1 Datasheet
582Kb / 33P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720 Datasheet
716Kb / 33P
[Old version datasheet]   ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com