Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2022ALPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2022ALPR
Description  1K-Bit Serial EPROM with SDQ Interface
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2022ALPR Datasheet(HTML) 5 Page - Texas Instruments

  BQ2022ALPR Datasheet HTML 1Page - Texas Instruments BQ2022ALPR Datasheet HTML 2Page - Texas Instruments BQ2022ALPR Datasheet HTML 3Page - Texas Instruments BQ2022ALPR Datasheet HTML 4Page - Texas Instruments BQ2022ALPR Datasheet HTML 5Page - Texas Instruments BQ2022ALPR Datasheet HTML 6Page - Texas Instruments BQ2022ALPR Datasheet HTML 7Page - Texas Instruments BQ2022ALPR Datasheet HTML 8Page - Texas Instruments BQ2022ALPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
bq2022A
www.ti.com
SLUS724E – SEPTEMBER 2006 – REVISED MARCH 2016
Product Folder Links: bq2022A
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
bq2022A
UNIT
DBZ (3 PINS)
LP (3 PINS)
RθJA
Junction-to-ambient thermal resistance
244.3
158.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
104.9
55.6
RθJB
Junction-to-board thermal resistance
93.1
n/a
ψJT
Junction-to-top characterization parameter
4.8
26.8
ψJB
Junction-to-board characterization parameter
66.4
137.8
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
6.5 Electrical Characteristics: DC
TA = –20°C to 70°C; VPU(min) = 2.65 VDC to 5.5 VDC, all voltages relative to VSS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDATA
Supply current
VPU = 5.5 V
20
μA
VOL
Low-level output voltage
Logic 0, VPU = 5.5 V, IOL = 4 mA, SDQ pin
0.4
V
Logic 0, VPU = 2.65 V, IOL = 2 mA
0.4
VOH
High-level output voltage
Logic 1
VPU
5.5
IOL
Low-level output current (sink)
VOL = 0.4 V, SDQ pin
4
mA
VIL
Low-level input voltage
Logic 0
0.8
V
VIH
High-level input voltage
Logic 1
2.2
V
VPP
Programming voltage
11.5
12
V
(1)
5-k
Ω series resistor between SDQ pin and VPU. (See Figure 18.)
(2)
tWDH must be less than tc to account for recovery.
6.6 Switching Characteristics: AC
TA = –20°C to 70°C; VPU(min) = 2.65 VDC to 5.5 VDC, all voltages relative to VSS
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tc
Bit cycle time (1)
60
120
μs
tWSTRB
Write start cycle (1)
1
15
μs
tWDSU
Write data setup (1)
tWSTRB
15
μs
tWDH
Write data hold (1) (2)
60
tc
μs
trec
Recovery time (1)
1
μs
For memory command only
5
tRSTRB
Read start cycle (1)
1
13
μs
tODD
Output data delay (1)
tRSTRB
13
μs
tODHO
Output data hold (1)
17
60
μs
tRST
Reset time (1)
480
μs
tPPD
Presence pulse delay (1)
15
60
μs
tPP
Presence pulse (1)
60
240
μs
tEPROG
EPROM programming time
2500
μs
tPSU
Program setup time
5
μs
tPREC
Program recovery time
5
μs
tPRE
Program rising-edge time
5
μs
tPFE
Program falling-edge time
5
μs
tRSTREC
480
μs


Similar Part No. - BQ2022ALPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2022ALPR TI-BQ2022ALPR Datasheet
297Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022ALPR TI1-BQ2022ALPR Datasheet
992Kb / 33P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
More results

Similar Description - BQ2022ALPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2022A TI-BQ2022A Datasheet
297Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022 TI1-BQ2022_13 Datasheet
308Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A Datasheet
992Kb / 33P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
BQ2022 TI-BQ2022 Datasheet
184Kb / 19P
[Old version datasheet]   1K-BIT SERLAL EPROM WITH SDQ INTERFACE
BQ2026 TI1-BQ2026 Datasheet
654Kb / 22P
[Old version datasheet]   1.5K-Bit Serial EPROM With SDQ Interface
BQ2024 TI1-BQ2024_13 Datasheet
471Kb / 22P
[Old version datasheet]   1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2024 TI-BQ2024 Datasheet
317Kb / 19P
[Old version datasheet]   1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
logo
Aplus Intergrated Circu...
APU4003T APLUS-APU4003T Datasheet
339Kb / 8P
   4-Bit Micro-Controller With EPROM, 1K Word
logo
Holtek Semiconductor In...
HT24C01 HOLTEK-HT24C01 Datasheet
444Kb / 9P
   1K/2K/4K-Bit HI2C Interface Serial EEPROM
logo
Catalyst Semiconductor
CAT33C101 CATALYST-CAT33C101 Datasheet
251Kb / 7P
   1K BIT SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com