Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

bq20z90 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # bq20z90
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq20z90 Datasheet(HTML) 8 Page - Texas Instruments

Back Button bq20z90 Datasheet HTML 4Page - Texas Instruments bq20z90 Datasheet HTML 5Page - Texas Instruments bq20z90 Datasheet HTML 6Page - Texas Instruments bq20z90 Datasheet HTML 7Page - Texas Instruments bq20z90 Datasheet HTML 8Page - Texas Instruments bq20z90 Datasheet HTML 9Page - Texas Instruments bq20z90 Datasheet HTML 10Page - Texas Instruments bq20z90 Datasheet HTML 11Page - Texas Instruments bq20z90 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ti.com
FEATURE SET
Primary (1st Level) Safety Features
Secondary (2nd Level) Safety Features
Charge Control Features
Gas Gauging
bq20z90
SLUS778 – JULY 2007
The bq20z90 supports a wide range of battery and system protection features that can easily be configured. The
primary safety features include:
Battery cell over/under voltage protection
Battery pack over/under voltage protection
2 independent charge overcurrent protection
3 independent discharge overcurrent protection
Short circuit protection
Over temperature protection
AFE Watchdog
Host Watchdog
The secondary safety features of the bq20z90 can be used to indicate more serious faults via the SAFE (pin 10)
pin. This pin can be used to blow an in-line fuse to permanently disable the battery pack from charging or
discharging. The secondary safety features include:
Safety over voltage
Battery cell imbalance
2nd level protection IC input
Safety over current
Safety over temperature
Open thermistor
Charge FET and Zero-Volt Charge FET fault
Discharge FET fault
Fuse blow failure detection
AFE Communication error
AFE Verification error
Internal flash data error
The bq20z90 charge control features include:
Report the appropriate charging current needed for constant current charging and the appropriate charging
voltage needed for constant voltage charging to a smart charger using SMBus broadcasts.
Determine the chemical state of charge of each battery cell using Impedance Track™. Using cell balancing
algorithm, gradually decrease the differences in the cells' state of charge in a fully charged state. This
prevents high cells from overcharging, causing excessive degradation and also increases the usable pack
energy by preventing early charge termination.
Support Pre-charging/Zero-volt charging
Support Fast charging
Support Pulse charging
Support Charge Inhibit and Charge Suspend modes
Report charging faults and also indicate charging status via charge and discharge alarms.
The bq20z90 uses the Impedance Track™ Technology to measure and calculate the available charge in battery
cells. The achievable accuracy is better than 1% error over the lifetime of the battery and there is no full
charge-discharge learning cycle required.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): bq20z90
Not Recommended for New Designs


Similar Part No. - bq20z90

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z90 TI-BQ20Z90 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90-V110 TI-BQ20Z90-V110 Datasheet
496Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBT TI-BQ20Z90DBT Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
More results

Similar Description - bq20z90

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40-R1 TI-BQ20Z40-R1 Datasheet
249Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90-V110 TI-BQ20Z90-V110 Datasheet
496Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70-V110 TI1-BQ20Z70-V110 Datasheet
405Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70 TI-BQ20Z70 Datasheet
432Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70 TI1-BQ20Z70_17 Datasheet
786Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com