Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPA01084ZCF Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # HPA01084ZCF
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA01084ZCF Datasheet(HTML) 8 Page - Texas Instruments

Back Button HPA01084ZCF Datasheet HTML 4Page - Texas Instruments HPA01084ZCF Datasheet HTML 5Page - Texas Instruments HPA01084ZCF Datasheet HTML 6Page - Texas Instruments HPA01084ZCF Datasheet HTML 7Page - Texas Instruments HPA01084ZCF Datasheet HTML 8Page - Texas Instruments HPA01084ZCF Datasheet HTML 9Page - Texas Instruments HPA01084ZCF Datasheet HTML 10Page - Texas Instruments HPA01084ZCF Datasheet HTML 11Page - Texas Instruments HPA01084ZCF Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
Columns
1
3
5
2
4
6
VBL8
VBL4
VBL2
DNC
VBL3
VBL1
D
AVSS2
AVSS2
AVDD2
DVDD
CW9
C
AVSS2
AVSS2
VCNTL
DVDD
CW8
B
AVSS2
AVSS2
AVDD_5V
AVSS2
CW7
A
IN8
IN4
IN2
VCA_PD
IN3
IN1
E
8
7
9
VBL5
VBL7
VBL6
CW0
AVSS2
AVDD2
CW1
AVSS2
VB2
CW2
VB4
AVDD_5V
IN5
IN7
IN6
AVSS2
AVSS2
AVDD2
AVSS2
VCM
CW5
J
SCLK
VCA_CS
DNC
RST
ADS_PD
H
AVSS2
AVSS2
AVDD1
AVSS2
AVSS1
G
AVDD1
DNC
DNC
AVDD1
AVDD1
CLKM
F
AVSS2
AVSS2
VB1
AVSS2
VB5
CW6
K
AVSS2
VB3
AVSS2
CW4
VREFL
AVDD2
ADS_
RESET
CS
SDATA
REFB
AVDD1
REFT
ISET
AVDD1
CM
CW3
VREFH
VB6
AVSS1
AVSS1
DNC
AVSS1
AVSS1
DNC
P
LVDD
LVSS
LCLKM
LVSS
LCLKP
N
OUT5P
OUT1P
OUT3P
LVDD
OUT4P
M
OUT5M
OUT1M
OUT3M
LVSS
OUT2M
OUT4M
L
AVSS1
AVSS1
AVDD1
AVSS1
AVSS1
CLKP
R
LVSS
OUT2P
DNC
INT/EXT
DNC
AVSS1
DNC
FCLKP
LVDD
FCLKM
OUT8P
OUT6P
OUT7P
OUT8M
OUT6M
OUT7M
EN_SM
AVSS1
AVDD1
AFE5804
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
www.ti.com
PIN CONFIGURATION
ZCF PACKAGE
135-BGA
BOTTOM VIEW
8
Copyright
© 2008–2011, Texas Instruments Incorporated


Similar Part No. - HPA01084ZCF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA01081RTJR TI1-HPA01081RTJR Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
HPA01082DR TI1-HPA01082DR Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
HPA01083RGVR TI1-HPA01083RGVR Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
HPA01085DBVR TI1-HPA01085DBVR Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
HPA01085DVBR TI1-HPA01085DVBR Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
More results

Similar Description - HPA01084ZCF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5804 TI-AFE5804_1 Datasheet
937Kb / 61P
[Old version datasheet]   FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
AFE5804 TI-AFE5804 Datasheet
889Kb / 60P
[Old version datasheet]   FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5805 TI-AFE5805_1 Datasheet
740Kb / 51P
[Old version datasheet]   FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/?숰z, 12-Bit, 50MSPS, 122mW/Channel
AFE5805 TI1-AFE5805_14 Datasheet
835Kb / 53P
[Old version datasheet]   FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/?숰z, 12-Bit, 50MSPS, 122mW/Channel
AFE5805 TI-AFE5805_10 Datasheet
832Kb / 52P
[Old version datasheet]   FULLY-INTEGRATED,8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/?숰z, 12-Bit, 50MSPS, 122mW/Channel
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
AFE5803 TI1-AFE5803_14 Datasheet
791Kb / 53P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
[Old version datasheet]   16-Channel, Ultrasound, Analog Front-End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com