Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1230IPWRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS1230IPWRG4
Description  20-Bit Analog-to-Digital Converter For Bridge Sensors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1230IPWRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1230IPWRG4 Datasheet HTML 7Page - Texas Instruments ADS1230IPWRG4 Datasheet HTML 8Page - Texas Instruments ADS1230IPWRG4 Datasheet HTML 9Page - Texas Instruments ADS1230IPWRG4 Datasheet HTML 10Page - Texas Instruments ADS1230IPWRG4 Datasheet HTML 11Page - Texas Instruments ADS1230IPWRG4 Datasheet HTML 12Page - Texas Instruments ADS1230IPWRG4 Datasheet HTML 13Page - Texas Instruments ADS1230IPWRG4 Datasheet HTML 14Page - Texas Instruments ADS1230IPWRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
AVDD
(1)f
MOD =76.8kHz
Z
=500MW
EFF
(1)
REFP
REFN
AVDD
ESD
Protection
C
BUF
CLK_DETECT
Internal
Oscillator
MUX
ToADC
S
S0
S1
EN
CLKIN
Z
EFF
+
1
(2)(76.8kHz)(13fF)
+ 500MW
Z
EFF
+
1
2f
MODCBUF
ADS1230
www.ti.com
SBAS366B – OCTOBER 2006 – REVISED SEPTEMBER 2012
VOLTAGE REFERENCE INPUTS
ESD diodes protect the reference inputs. To prevent
(REFP, REFN)
these diodes from turning on, make sure the voltages
on the reference pins do not go below GND by more
The voltage reference used by the modulator is
than 100mV, and likewise, do not exceed AVDD by
generated from the voltage difference between REFP
100mV:
and REFN: VREF = REFP – REFN. The reference
inputs use a structure similar to that of the analog
GND – 100mV < (REFP or REFN) < AVDD + 100mV
inputs. In order to increase the reference input
impedance, a switching buffer circuitry is used to
CLOCK SOURCES
reduce
the
input
equivalent
capacitance.
The
The ADS1230 can use an external clock source or
reference drift and noise impact ADC performance. In
internal oscillator to accommodate a wide variety of
order to achieve best results, pay close attention to
applications. Figure 20 shows the equivalent circuitry
the
reference
noise
and
drift
specifications.
A
of
the
clock
source.
The
CLK_DETECT
block
simplified diagram of the circuitry on the reference
determines whether the crystal oscillator/external
inputs is shown in Figure 19. The switches and
clock signal is applied to the CLKIN pin so that the
capacitors can be modeled approximately using an
internal oscillator is bypassed or activated. When the
effective impedance of:
CLKIN
pin
frequency
is
above
~200kHz,
the
CLK_DETECT output goes low and shuts down the
internal oscillator. When the CLKIN pin frequency is
below ~200kHz, the CLK_DETECT output goes high
Where:
and activates the internal oscillator. It is highly
fMOD = modulator sampling frequency (76.8kHz)
recommended to hard-wire the CLKIN pin to ground
CBUF = input capacitance of the buffer
when the internal oscillator is chosen.
For the ADS1230:
Figure 20. Equivalent Circuitry of the Clock
Source
An external clock may be used by driving the CLKIN
pin directly. The Electrical Characteristics table shows
the allowable frequency range. The clock input may
be driven with 5V logic, regardless of the DVDD or
AVDD voltage.
Figure 19. Simplified Reference Input Circuitry
Copyright © 2006–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS1230


Similar Part No. - ADS1230IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1230IPWRG4 TI1-ADS1230IPWRG4 Datasheet
588Kb / 29P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
JULY2007
More results

Similar Description - ADS1230IPWRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1230 TI1-ADS1230_07 Datasheet
588Kb / 29P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
JULY2007
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com