Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R0722701V9A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # 5962R0722701V9A
Description  Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962R0722701V9A Datasheet(HTML) 9 Page - Texas Instruments

Back Button 5962R0722701V9A Datasheet HTML 5Page - Texas Instruments 5962R0722701V9A Datasheet HTML 6Page - Texas Instruments 5962R0722701V9A Datasheet HTML 7Page - Texas Instruments 5962R0722701V9A Datasheet HTML 8Page - Texas Instruments 5962R0722701V9A Datasheet HTML 9Page - Texas Instruments 5962R0722701V9A Datasheet HTML 10Page - Texas Instruments 5962R0722701V9A Datasheet HTML 11Page - Texas Instruments 5962R0722701V9A Datasheet HTML 12Page - Texas Instruments 5962R0722701V9A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
ADC128S102QML-SP
www.ti.com
SNAS411P – AUGUST 2008 – REVISED APRIL 2017
Product Folder Links: ADC128S102QML-SP
Submit Documentation Feedback
Copyright © 2008–2017, Texas Instruments Incorporated
(1)
This is worse case drift, Deltas are performed at room temperature post operational life. All other parameters, no deltas are required.
6.7 Electrical Characteristics: Burn in Delta Parameters - TA at 25°C
The following specifications apply for VA = VD = 2.7 V to 5.25 V, AGND = DGND = 0 V, fSCLK = 0.8 MHz to 16 MHz, fSAMPLE =
50 kSPS to 1 MSPS, and CL = 50 pF.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INL
Integral non-linearity
VA = VD = 3 V
–0.5
0.106
0.5
LSB
VA = VD = 5 V
–0.35
0.016
0.35
LSB
IMD
Intermodulation distortion,
second order terms
VA = VD = 3 V
–14
1.35
14
dB
VA = VD = 5 V
–17
1.67
17
dB
IMD
Intermodulation distortion, third
order terms
VA = VD = 3 V
–10
0.47
10
dB
VA = VD = 5 V
–10
0.9
10
dB
(1)
Typical figures are at TJ = 25°C, and represent most likely parametric norms.
(2)
Clock may be in any state (high or low) when CS goes high. Setup and hold time restrictions apply only to CS going low.
6.8 Timing Requirements
The following specifications apply for VA = VD = 2.7 V to 5.25 V, AGND = DGND = 0 V, fSCLK = 0.8 MHz to 16 MHz, fSAMPLE =
50 kSPS to 1 MSPS, and CL = 50 pF.
SUBGROUP
MIN
NOM(1)
MAX
UNIT
tCSH
CS hold time after SCLK rising
edge
See (2)
[9, 10, 11]
10
0
ns
tCSS
CS setup time prior to SCLK
rising edge
See (2)
[9, 10, 11]
10
4.5
ns
tEN
CS falling edge to DOUT enabled
[9, 10, 11]
5
30
ns
tDACC
DOUT access time after SCLK falling edge
[9, 10, 11]
17
27
ns
tDHLD
DOUT hold time after SCLK falling edge
[9, 10, 11]
7
ns
tDS
DIN setup time prior to SCLK rising edge
[9, 10, 11]
10
ns
tDH
DIN hold time after SCLK rising edge
[9, 10, 11]
10
ns
tCH
SCLK high time
0.4 × tSCLK
ns
tCL
SCLK low time
0.4 × tSCLK
ns
tDIS
CS rising edge to DOUT high-
impedance
DOUT falling
[9, 10, 11]
2.4
20
ns
DOUT rising
[9, 10, 11]
0.9
20
ns
(1)
MIL-STD-883, Method 5005 - Group A
Table 1. Quality Conformance Inspection(1)
SUBGROUP
DESCRIPTION
TEMP (°C)
1
Static tests at
25
2
Static tests at
125
3
Static tests at
–55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
–55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
–55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
–55
12
Setting time at
25
13
Setting time at
125
14
Setting time at
–55


Similar Part No. - 5962R0722701V9A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962R0722701V9A TI1-5962R0722701V9A Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
More results

Similar Description - 5962R0722701V9A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP_17 Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102QML NSC-ADC128S102QML Datasheet
526Kb / 22P
   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S102-SEP TI-ADC128S102-SEP_V01 Datasheet
1Mb / 32P
[Old version datasheet]   ADC128S102-SEP Radiation-Tolerant, 8-Channel, 50-kSPS to 1-MSPS, 12-Bit ADC
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com