Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC128S102WRQV Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADC128S102WRQV
Description  Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S102WRQV Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC128S102WRQV Datasheet HTML 2Page - Texas Instruments ADC128S102WRQV Datasheet HTML 3Page - Texas Instruments ADC128S102WRQV Datasheet HTML 4Page - Texas Instruments ADC128S102WRQV Datasheet HTML 5Page - Texas Instruments ADC128S102WRQV Datasheet HTML 6Page - Texas Instruments ADC128S102WRQV Datasheet HTML 7Page - Texas Instruments ADC128S102WRQV Datasheet HTML 8Page - Texas Instruments ADC128S102WRQV Datasheet HTML 9Page - Texas Instruments ADC128S102WRQV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
ADC128S102QML-SP
SNAS411P – AUGUST 2008 – REVISED APRIL 2017
www.ti.com
Product Folder Links: ADC128S102QML-SP
Submit Documentation Feedback
Copyright © 2008–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
ACD128S102QML-SP
UNIT
NAC (CFP)
16 PINS
RθJA
Junction-to-ambient thermal resistance
127
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
11.2
°C/W
(1)
Typical figures are at TJ = 25°C, and represent most likely parametric norms.
6.5 Electrical Characteristics: ADC128S102QML-SP Converter
The following specifications apply for AGND = DGND = 0V, fSCLK = 0.8 MHz to 16 MHz, fSAMPLE = 50 kSPS to 1 MSPS, CL =
50pF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
SUBGROUP
MIN
TYP(1)
MAX
UNIT
STATIC CONVERTER CHARACTERISTICS
Resolution with no missing
codes
12
Bits
INL
Integral non-linearity (end
point method)
VA = VD = 3 V
[1, 2, 3]
–1
±0.6
1.1
LSB
VA = VD = 5 V
[1, 2, 3]
–1.25
±0.9
1.4
LSB
DNL
Differential non-linearity
VA = VD = 3 V
[1, 2, 3]
0.5
0.9
LSB
[1, 2, 3]
–0.7
–0.3
LSB
VA = VD = 5 V
[1, 2, 3]
0.9
1.5
LSB
[1, 2, 3]
–0.9
−0.5
LSB
VOFF
Offset error
VA = VD = 3 V
[1, 2, 3]
–2.3
0.8
2.3
LSB
VA = VD = 5 V
[1, 2, 3]
–2.3
1.1
2.3
LSB
OEM
Offset error match
VA = VD = 3 V
[1, 2, 3]
–1.5
±0.1
1.5
LSB
VA = VD = 5 V
[1, 2, 3]
–1.5
±0.3
1.5
LSB
FSE
Full scale error
VA = VD = 3 V
[1, 2, 3]
–2
0.8
2
LSB
VA = VD = 5 V
[1, 2, 3]
–2
0.3
2
LSB
FSEM
Full scale error match
VA = VD = 3 V
[1, 2, 3]
–1.5
±0.1
1.5
LSB
VA = VD = 5 V
[1, 2, 3]
–1.5
±0.3
1.5
LSB
DYNAMIC CONVERTER CHARACTERISTICS
FPBW
Full power bandwidth (–3
dB)
VA = VD = 3 V
6.8
MHz
VA = VD = 5 V
10
MHz
SINA
D
Signal-to-noise plus
distortion ratio
VA = VD = 3 V,
fIN = 40.2 kHz, −0.02 dBFS
[4, 5, 6]
68
72
dB
VA = VD = 5 V,
fIN = 40.2 kHz, −0.02 dBFS
[4, 5, 6]
68
72
dB
SNR
Signal-to-noise ratio
VA = VD = 3 V,
fIN = 40.2 kHz, −0.02 dBFS
[4, 5, 6]
69
72
dB
VA = VD = 5 V,
fIN = 40.2 kHz, −0.02 dBFS
[4, 5, 6]
68.5
72
dB
THD
Total harmonic distortion
VA = VD = 3 V,
fIN = 40.2 kHz, −0.02 dBFS
[4, 5, 6]
–86
–74
dB
VA = VD = 5 V,
fIN = 40.2 kHz, −0.02 dBFS
[4, 5, 6]
–87
–74
dB
SFDR
Spurious-free dynamic range
VA = VD = 3 V,
fIN = 40.2 kHz, −0.02 dBFS
[4, 5, 6]
75
91
dB
VA = VD = 5 V,
fIN = 40.2 kHz, −0.02 dBFS
[4, 5, 6]
75
90
dB


Similar Part No. - ADC128S102WRQV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S102WRQV TI1-ADC128S102WRQV Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102WRQV TI1-ADC128S102WRQV Datasheet
803Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel CONVERTER
ADC128S102WRQV TI1-ADC128S102WRQV Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
More results

Similar Description - ADC128S102WRQV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP_17 Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102QML NSC-ADC128S102QML Datasheet
526Kb / 22P
   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S102-SEP TI-ADC128S102-SEP_V01 Datasheet
1Mb / 32P
[Old version datasheet]   ADC128S102-SEP Radiation-Tolerant, 8-Channel, 50-kSPS to 1-MSPS, 12-Bit ADC
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com