Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC08D1520WGFQV Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08D1520WGFQV
Description  Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08D1520WGFQV Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC08D1520WGFQV Datasheet HTML 4Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 5Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 6Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 7Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 8Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 9Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 10Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 11Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
ADC08D1520QML-SP
SNAS420O – JANUARY 2008 – REVISED MARCH 2013
www.ti.com
Pin Descriptions and Equivalent Circuits (continued)
Pin Functions
Pin No.
Symbol
Equivalent Circuit
Description
42, 53, 64,
74, 87, 97,
DR GND
Ground return for VDR.
108, 119
63, 98, 109,
NC
No Connection. Make no connection to these pins.
120
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC08D1520QML-SP


Similar Part No. - ADC08D1520WGFQV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08D1520WGFQV NSC-ADC08D1520WGFQV Datasheet
1Mb / 46P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
logo
Texas Instruments
ADC08D1520WGFQV TI-ADC08D1520WGFQV Datasheet
1Mb / 59P
[Old version datasheet]   ADC08D1520QML Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
More results

Similar Description - ADC08D1520WGFQV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08D1520QML NSC-ADC08D1520QML Datasheet
1Mb / 46P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520_09 Datasheet
847Kb / 44P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520 Datasheet
781Kb / 44P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
logo
Texas Instruments
ADC08D1520QML-SP TI-ADC08D1520QML-SP Datasheet
1Mb / 59P
[Old version datasheet]   ADC08D1520QML Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC07D1520 TI1-ADC07D1520 Datasheet
758Kb / 53P
[Old version datasheet]   Low Power, 7-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC07D1520 TI1-ADC07D1520_12 Datasheet
732Kb / 52P
[Old version datasheet]   Low Power, 7-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1020 NSC-ADC08D1020 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1020 NSC-ADC08D1020_08 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1020 NSC-ADC08D1020_09 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
logo
Texas Instruments
ADC10D1000 TI1-ADC10D1000 Datasheet
1Mb / 82P
[Old version datasheet]   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com