Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT2369 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # MMBT2369
Description  NPN General Purpose Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMBT2369 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  MMBT2369 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMBT2369 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMBT2369 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
NPN General Purpose Amplifier
MMBT2369
C114
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=10μA IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA IB=0
15
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA IC=0
4.5
V
Collector cut-off current
ICBO
VCB=20V IE=0
0.4
μA
VCE=1.0V IC=10mA
40
120
DC current gain
hFE
VCE=2.0V IC=100mA
20
Collector-emitter saturation voltage
VCE(sat)
IC=10mA IB=1.0mA
0.25
V
Output capacitance
Cobo
VCE=5.0V,IE=0,f=1.0MHz
4.0
pF
Small signal current gain
hfe
IC=10mA,VCE=10V,
f=100MHz
5.0
Storage Time
ts
IB1=IB2=IC=10mA
13
ns
Turn-on time
ton
VCC=3V, IC=10mA, IB1=3mA
12
ns
Turn-off time
toff
VCC=3V, IC=10mA, IB1=3mA
IB2=1.5mA
18
ns
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Similar Part No. - MMBT2369

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBT2369 FAIRCHILD-MMBT2369 Datasheet
198Kb / 6P
   NPN Switching Transistor
logo
Diotec Semiconductor
MMBT2369 DIOTEC-MMBT2369 Datasheet
98Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
logo
Galaxy Semi-Conductor H...
MMBT2369 BILIN-MMBT2369 Datasheet
155Kb / 2P
   NPN General Purpose Amplifier
logo
SEMTECH ELECTRONICS LTD...
MMBT2369 SEMTECH_ELEC-MMBT2369 Datasheet
182Kb / 3P
   NPN Silicon Switching Transistor
logo
MAKO SEMICONDUCTOR CO.,...
MMBT2369 MAKOSEMI-MMBT2369 Datasheet
65Kb / 1P
   Epitaxial planar die construction.
More results

Similar Description - MMBT2369

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com