Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP451FA Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC10EP451FA
Description  3.3V / 5VECL 6-Bit Differential Register with Master Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP451FA Datasheet(HTML) 4 Page - ON Semiconductor

  MC10EP451FA Datasheet HTML 1Page - ON Semiconductor MC10EP451FA Datasheet HTML 2Page - ON Semiconductor MC10EP451FA Datasheet HTML 3Page - ON Semiconductor MC10EP451FA Datasheet HTML 4Page - ON Semiconductor MC10EP451FA Datasheet HTML 5Page - ON Semiconductor MC10EP451FA Datasheet HTML 6Page - ON Semiconductor MC10EP451FA Datasheet HTML 7Page - ON Semiconductor MC10EP451FA Datasheet HTML 8Page - ON Semiconductor MC10EP451FA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC10EP451, MC100EP451
http://onsemi.com
4
Table 5. 10EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 5)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
80
95
125
80
95
125
80
95
125
mA
VOH
Output HIGH Voltage (Note 6)
3865
3990
4115
3930
4055
4180
3990
4115
4240
mV
VOL
Output LOW Voltage (Note 6)
3065
3190
3315
3130
3255
3380
3170
3315
3440
mV
VIH
Input HIGH Voltage (Single−Ended)
3790
4115
3855
4180
3915
4240
mV
VIL
Input LOW Voltage (Single−Ended)
3065
3390
3130
3455
3190
3515
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 7)
2.0
5.0
2.0
5.0
2.0
5.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to −0.5 V.
6. All loading with 50
W to VCC − 2.0 V.
7. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 6. 10EP DC CHARACTERISTICS, NECL VCC = 0 V, VEE = −5.5 V to −3.0 V (Note 8)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
80
95
125
80
95
125
80
95
125
mA
VOH
Output HIGH Voltage (Note 9)
−1135
−1010
−885
−1070
−945
−820
−1010
−885
−760
mV
VOL
Output LOW Voltage (Note 9)
−1935
−1810
−1685
−1870
−1745
−1620
−1830
−1685
−1560
mV
VIH
Input HIGH Voltage (Single−Ended)
−1210
−885
−1145
−820
−1085
−760
mV
VIL
Input LOW Voltage (Single−Ended)
−1935
−1610
−1870
−1545
−1810
−1485
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 10)
VEE+2.0
0.0
VEE+2.0
0.0
VEE+2.0
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
8. Input and output parameters vary 1:1 with VCC.
9. All loading with 50
W to VCC − 2.0 V.
10. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - MC10EP451FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP451FA ONSEMI-MC10EP451FA Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451FAG ONSEMI-MC10EP451FAG Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451FAG ONSEMI-MC10EP451FAG Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10EP451FAR2 ONSEMI-MC10EP451FAR2 Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451FAR2G ONSEMI-MC10EP451FAR2G Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
More results

Similar Description - MC10EP451FA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP451L MICREL-SY10EP451L Datasheet
398Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
SY10EP451L_0705 MICREL-SY10EP451L_0705 Datasheet
443Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
logo
ON Semiconductor
MC10EP451 ONSEMI-MC10EP451_06 Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10EP56 ONSEMI-MC10EP56 Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
logo
List of Unclassifed Man...
QS74FCT2X2273T ETC1-QS74FCT2X2273T Datasheet
322Kb / 7P
   16-BIT REGISTER WITH ASYNCHRONOUS RESET
logo
ON Semiconductor
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC100EP33 ONSEMI-MC100EP33 Datasheet
79Kb / 12P
   3.3V 5VECL / 4 Divider
September, 2002 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com