Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EP131FA Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC100EP131FA
Description  3.3V / 5V ECL Quad D Flip-Flop with Set, Reset, and Differential Clock
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP131FA Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC100EP131FA Datasheet HTML 2Page - ON Semiconductor MC100EP131FA Datasheet HTML 3Page - ON Semiconductor MC100EP131FA Datasheet HTML 4Page - ON Semiconductor MC100EP131FA Datasheet HTML 5Page - ON Semiconductor MC100EP131FA Datasheet HTML 6Page - ON Semiconductor MC100EP131FA Datasheet HTML 7Page - ON Semiconductor MC100EP131FA Datasheet HTML 8Page - ON Semiconductor MC100EP131FA Datasheet HTML 9Page - ON Semiconductor MC100EP131FA Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC10EP131, MC100EP131
http://onsemi.com
7
0
100
200
300
400
500
600
700
800
0
1000
2000
3000
4000
5000
6000
Figure 3. Frequency vs. VOUTpp and JITTER
FREQUENCY (MHz)
1
2
3
4
5
6
7
8
(JITTER)
Driver
Device
Receiver
Device
D
D
Q
Q
50
50
VTT
Figure 4. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020 − Termination of ECL Logic Devices.)
VTT = VCC − 2.0 V
Resource Reference of Application Notes
AN1404
ECLinPS Circuit Performance at Non−Standard VIH Levels
AN1405
ECL Clock Distribution Techniques
AN1406
Designing with PECL (ECL at +5.0 V)
AN1504
Metastability and the ECLinPS Family
AN1568
Interfacing Between LVDS and ECL
AN1650
Using Wire−OR Ties in ECLinPS Designs
AN1672
The ECL Translator Guide
AND8001
Odd Number Counters Design
AND8002
Marking and Date Codes
AND8009
ECLinPS Plus Spice I/O Model Kit
AND8020
Termination of ECL Logic Devices
For an updated list of Application Notes, please see our website at http://onsemi.com.


Similar Part No. - MC100EP131FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP139 ONSEMI-MC100EP139 Datasheet
140Kb / 8P
   첨2/4, 첨4./5/6 Clock Generation Chip
December, 1999 ??Rev. 1
MC100EP139 ONSEMI-MC100EP139 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100EP139 ONSEMI-MC100EP139 Datasheet
209Kb / 8P
   Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
MC100EP139DT ONSEMI-MC100EP139DT Datasheet
140Kb / 8P
   첨2/4, 첨4./5/6 Clock Generation Chip
December, 1999 ??Rev. 1
MC100EP139DT ONSEMI-MC100EP139DT Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
More results

Similar Description - MC100EP131FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
MC10EP29 ONSEMI-MC10EP29 Datasheet
73Kb / 8P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
September, 2002 ??Rev. 2
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP51V MICREL-SY10EP51V_09 Datasheet
575Kb / 8P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP51V MICREL-SY10EP51V Datasheet
498Kb / 7P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31_06 Datasheet
136Kb / 8P
   3.3V ECL D Flip-Flop with Set and Reset
December, 2006 ??Rev. 3
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC10EP51 ONSEMI-MC10EP51_12 Datasheet
156Kb / 11P
   ECL D Flip-Flop with Reset and Differential Clock
November, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com