Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH-ETD39-1S-16P Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # CPH-ETD39-1S-16P
Description  Coil former, termoplastic, horizontal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CPH-ETD39-1S-16P Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  CPH-ETD39-1S-16P_17 Datasheet HTML 1Page - Ferroxcube International Holding B.V. CPH-ETD39-1S-16P_17 Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ETD39/20/13
Core
Product specifications
Value
Inductance factor
Tol +
Tol -
Unit
Material
3C94
nH/turns²
25%
25%
2900
3C95
nH/turns²
25%
25%
3650
3C97
nH/turns²
25%
25%
3650
3F36
nH/turns²
25%
25%
2000
3F46
nH/turns²
25%
25%
1200
Power loss: 3C94
Measuring conditions
Unit
Max
100 kHz
W/set
5.800
200 mT
100 ºC
Power loss: 3C95
Measuring conditions
Unit
Max
100 kHz
W/set
5.500
200 mT
100 ºC
100 kHz
W/set
6.000
200 mT
25 ºC
Power loss: 3C97
Measuring conditions
Unit
Max
Symbol
Effective parameters
Parameter
Value
Unit
0.737
mm⁻¹
Ve
11500
mm³
Le
92.2
mm
Ae
125
mm²
Amin
123
mm²
∑(I/A)
≈ 30
core factor (C1)
effective volume
effective length
effective area
minimum area
m
ETD39/20/13
g/pcs
Symbol
Nom
Tol +
Tol -
Max
Unit
Min
Dimensions for product: ETD39/20/13
38.20
mm
A
0.00
1.80
40.00
40.00
12.20
mm
B
0.00
0.60
12.80
12.80
29.30
mm
D2
1.60
0.00
30.90
29.30
12.20
mm
D3
0.00
0.60
12.80
12.80
19.60
mm
E
0.20
0.20
20.00
19.80
14.20
mm
F
0.80
0.00
15.00
14.20
2016


Similar Part No. - CPH-ETD39-1S-16P_17

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CPH-ETD39-1S-16P-C FERROXCUBE-CPH-ETD39-1S-16P-C Datasheet
76Kb / 2P
   Coil former, termoplastic, horizontal
More results

Similar Description - CPH-ETD39-1S-16P_17

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CPH-U15-11-6-2S-4P FERROXCUBE-CPH-U15-11-6-2S-4P Datasheet
71Kb / 2P
   Coil former, termoplastic, horizontal
CPH-EFD12-1S-8P-Z FERROXCUBE-CPH-EFD12-1S-8P-Z_17 Datasheet
76Kb / 2P
   Coil former, termoplastic, horizontal
CPH-ETD59-1S-24P FERROXCUBE-CPH-ETD59-1S-24P_17 Datasheet
75Kb / 2P
   Coil former, termoplastic, horizontal
CPH-E42-20-1S-12PD-Z FERROXCUBE-CPH-E42-20-1S-12PD-Z Datasheet
74Kb / 2P
   Coil former, termoplastic, horizontal
CPH-EFD15-1S-8PD-Z FERROXCUBE-CPH-EFD15-1S-8PD-Z_17 Datasheet
77Kb / 2P
   Coil former, termoplastic, horizontal
CPH-ETD34-1S-14P FERROXCUBE-CPH-ETD34-1S-14P_17 Datasheet
76Kb / 2P
   Coil former, termoplastic, horizontal
CPH-ETD49-1S-20P-C FERROXCUBE-CPH-ETD49-1S-20P-C Datasheet
75Kb / 2P
   Coil former, termoplastic, horizontal
CPH-E41-12-1S-12PD-Z FERROXCUBE-CPH-E41-12-1S-12PD-Z Datasheet
76Kb / 2P
   Coil former, termoplastic, horizontal
CPH-ETD39-1S-16P-C FERROXCUBE-CPH-ETD39-1S-16P-C Datasheet
76Kb / 2P
   Coil former, termoplastic, horizontal
CPH-ETD29-1S-13P FERROXCUBE-CPH-ETD29-1S-13P_17 Datasheet
76Kb / 2P
   Coil former, termoplastic, horizontal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com