Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KG450UDPL Datasheet(PDF) 7 Page - Pulse A Technitrol Company

Part # KG450UDPL
Description  Outside coupler and factory tuned whip only for KG UHF glass mount antennas
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

KG450UDPL Datasheet(HTML) 7 Page - Pulse A Technitrol Company

Back Button KG450UDPL Datasheet HTML 3Page - Pulse A Technitrol Company KG450UDPL Datasheet HTML 4Page - Pulse A Technitrol Company KG450UDPL Datasheet HTML 5Page - Pulse A Technitrol Company KG450UDPL Datasheet HTML 6Page - Pulse A Technitrol Company KG450UDPL Datasheet HTML 7Page - Pulse A Technitrol Company KG450UDPL Datasheet HTML 8Page - Pulse A Technitrol Company KG450UDPL Datasheet HTML 9Page - Pulse A Technitrol Company KG450UDPL Datasheet HTML 10Page - Pulse A Technitrol Company KG450UDPL Datasheet HTML 11Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.larsen-antennas.com
NOTE: Antennas are not to scale
68
UHF 406-512 MHz
To convert to Gain (dBd):
Gain (dBi) - 2.14
MODEL
FREQUENCY (MHz)
NMO406HWBCO
406 - 420
NMO450HWBCO
420 - 512
SPECIFICATIONS
GAIN
1/2 wave coil
POWER RATING
200 Watts
COLOR
Black
CONNECTOR
Order separately
COAX
Order separately
MAX HEIGHT
2 1/2”
Black NMO UHF 1/2 wave coil,
406 - 512 MHz.
MODEL
FREQUENCY (MHz)
REP. WHIP
NMO406CHW
406 - 420
W158
NMO420CHW
420 - 440
W159
NMO440CHW
440 - 460
W160
NMO450CHW
450 - 470
W161
NMO470CHW
470 - 490
W162
SPECIFICATIONS
GAIN
5.5 dBi (with ground plane)
TYPE
1/2 wave collinear
VSWR (see bandwidth)
2:1
BANDWIDTH @ 1.5
5%
BANDWIDTH @ 2.0
10%
POWER RATING
200 Watts
COLOR
Black/Stainless
CONNECTOR
Order separately
WHIP
.100, enclosed coil
COAX
Order separately
MAX HEIGHT
35 1/2”
Black NMO UHF field tunable 1/2 wave
coil and Stainless whip, 406 - 512 MHz.


Similar Part No. - KG450UDPL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
KG450UDPL PULSE-KG450UDPL Datasheet
294Kb / 11P
   Outside coupler and factory tuned whip only for KG UHF glass mount antennas
KG450UDPL PULSE-KG450UDPL Datasheet
395Kb / 3P
   UHF 406-512 MHz
More results

Similar Description - KG450UDPL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
KG406O PULSE-KG406O Datasheet
294Kb / 11P
   Outside coupler and factory tuned whip only for KG UHF glass mount antennas
logo
Harris Corporation
SB-V16 HARRIS-SB-V16 Datasheet
338Kb / 2P
   VERTICAL HF WHIP ANTENNAS
logo
Linx Technologies
ANT-2.4-OC-LG LINX-ANT-2.4-OC-LG Datasheet
139Kb / 1P
   Increased gain versus standard whip antennas
3-22-11
logo
Freescale Semiconductor...
MC33493 FREESCALE-MC33493 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
logo
NXP Semiconductors
MC33493 NXP-MC33493 Datasheet
502Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 1.7, 03/2007
MC33493A NXP-MC33493A Datasheet
503Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
logo
PCTEL, Inc.
MWV PCTEL-MWV Datasheet
147Kb / 1P
   VHF and UHF Wideband Antennas - No Tune
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33591 NXP-MC33591 Datasheet
798Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com