Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M41T315Y-65MQ6F Datasheet(PDF) 8 Page - STMicroelectronics

Part # M41T315Y-65MQ6F
Description  Serial Access Phantom RTC Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T315Y-65MQ6F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M41T315Y-65MQ6F Datasheet HTML 4Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 5Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 6Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 7Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 8Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 9Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 10Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 11Page - STMicroelectronics M41T315Y-65MQ6F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
M41T315Y*, M41T315V, M41T315W
8/24
Non-volatile Supervisor Operation
A switch is provided to direct power from the bat-
tery input or VCCI to VCCO with a maximum voltage
drop of 0.3 Volts. The VCCO output pin is used to
supply uninterrupted power to CMOS SRAM. The
M41T315Y/V/W safeguards the clock and RAM
data by power-fail detection and write protection.
Power-fail detection occurs when VCCI falls below
VPFD which is set by an internal bandgap refer-
ence. The M41T315Y/V/W constantly monitors
the VCCI supply pin. When VCCI is less than VPFD,
power-fail circuitry forces the chip enable output
(CEO) to VCCI or VBAT-0.2 volts for external RAM
write protection. During nominal supply conditions,
CEO
will track CEI with a propagation delay. Inter-
nally, the M41T315Y/V/W aborts any data transfer
in progress without changing any of the device
registers and prevents future access until VCCI
exceeds VPFD. Figure 7., page 6 illustrates a typi-
cal RAM/clock interface.
Figure 8. READ Mode Waveforms
Figure 9. WRITE Mode Waveforms
DATA OUTPUT VALID
WE
CEI
OE
Q
tCW
tCO
tRC
tOW
tCOE
tODO
tRR
tOD
tOE
tOEE
AI04259
DATA INPUT STABLE
OE
D
CEI
tWP
tWC
tCW
tDH
tWR
tWR
WE
t DH
tDS
AI04261


Similar Part No. - M41T315Y-65MQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T315Y-65MQ6F STMICROELECTRONICS-M41T315Y-65MQ6F Datasheet
241Kb / 30P
   Serial access phantom RTC supervisor
More results

Similar Description - M41T315Y-65MQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T315Y STMICROELECTRONICS-M41T315Y_07 Datasheet
241Kb / 30P
   Serial access phantom RTC supervisor
M41T80 STMICROELECTRONICS-M41T80 Datasheet
122Kb / 20P
   SERIAL ACCESS RTC WITH ALARMS
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
   3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
   Serial access real-time clock (RTC) with alarms
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
   3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4845 TI-BQ4845 Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845 TI1-BQ4845_14 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com