Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR120ESFT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBR120ESFT1
Description  Surface Mount Schottky Power Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR120ESFT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MBR120ESFT1 Datasheet HTML 1Page - ON Semiconductor MBR120ESFT1 Datasheet HTML 2Page - ON Semiconductor MBR120ESFT1 Datasheet HTML 3Page - ON Semiconductor MBR120ESFT1 Datasheet HTML 4Page - ON Semiconductor MBR120ESFT1 Datasheet HTML 5Page - ON Semiconductor MBR120ESFT1 Datasheet HTML 6Page - ON Semiconductor MBR120ESFT1 Datasheet HTML 7Page - ON Semiconductor MBR120ESFT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
October, 2002 – Rev. 1
1
Publication Order Number:
MBR120ESFT1/D
MBR120ESFT1
Surface Mount
Schottky Power Rectifier
Plastic SOD–123 Package
...using the Schottky Barrier principle with a large area
metal–to–silicon power diode. Ideally suited for low voltage, high
frequency rectification or as free wheeling and polarity protection
diodes in surface mount applications where compact size and weight
are critical to the system. This package also provides an easy to work
with alternative to leadless 34 package style. Because of its small size,
it is ideal for use in portable and battery powered products such as
cellular and cordless phones, chargers, notebook computers, printers,
PDAs and PCMCIA cards. Typical applications are ac/dc and dc–dc
converters, reverse battery protection, and “Oring” of multiple supply
voltages and any other application where performance and size are
critical. These state–of–the–art devices have the following features:
Guardring for Stress Protection
Low Leakage
150°C Operating Junction Temperature
Epoxy Meets UL94, V0 at 1/8″
Package Designed for Optimal Automated Board Assembly
ESD Ratings: Machine Model, C
ESD Ratings: Human Body Model, 3B
Mechanical Characteristics
Reel Options: MBR120ESFT1 = 3,000 per 7″ reel/8 mm tape
Reel Options: MBR120ESFT3 = 10,000 per 13
″ reel/8 mm tape
Device Marking: L2E
Polarity Designator: Cathode Band
Weight: 11.7 mg (approximately)
Case: Epoxy, Molded
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Device
Package
Shipping
ORDERING INFORMATION
MBR120ESFT1 SOD–123FL
SOD–123FL
CASE 498
PLASTIC
3000/Tape & Reel
SCHOTTKY BARRIER
RECTIFIER
1.0 AMPERES
20 VOLTS
MBR120ESFT3 SOD–123FL 10,000/Tape & Reel
DEVICE MARKING
L2ED
L2E
= Specific Device Code
D
= Date Code
http://onsemi.com


Similar Part No. - MBR120ESFT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR120ESFT1 ONSEMI-MBR120ESFT1 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120ESFT1G ONSEMI-MBR120ESFT1G Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120ESFT1G ONSEMI-MBR120ESFT1G Datasheet
111Kb / 5P
   Surface Mount Schottky Power Rectifier
May, 2013 ??Rev. 4
logo
Infineon Technologies A...
MBR120ESFT1G INFINEON-MBR120ESFT1G Datasheet
2Mb / 47P
   iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
logo
ON Semiconductor
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
More results

Similar Description - MBR120ESFT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com