Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS32FX161-15 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NS32FX161-15
Description  Advanced Imaging/Communication Signal Processors
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NS32FX161-15 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button NS32FX161-15 Datasheet HTML 6Page - National Semiconductor (TI) NS32FX161-15 Datasheet HTML 7Page - National Semiconductor (TI) NS32FX161-15 Datasheet HTML 8Page - National Semiconductor (TI) NS32FX161-15 Datasheet HTML 9Page - National Semiconductor (TI) NS32FX161-15 Datasheet HTML 10Page - National Semiconductor (TI) NS32FX161-15 Datasheet HTML 11Page - National Semiconductor (TI) NS32FX161-15 Datasheet HTML 12Page - National Semiconductor (TI) NS32FX161-15 Datasheet HTML 13Page - National Semiconductor (TI) NS32FX161-15 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
20 Architectural Description (Continued)
The X Y and Z registers are used for addressing up to
three vector operands They are 32-bit registers with three
fields ADDRESS INCREMENT and WRAP-AROUND The
value in the ADDRESS field specifies the address of a word
in the on-chip memory This field has 16 bits and can ad-
dress up to 64 Kwords of internal memory The ADDRESS
fields are initialized with the vector operands’ start-address-
es by commands in the command list At the beginning of
each vector operation the contents of the ADDRESS field
are copied to incrementors Increments can be used by vec-
tor instructions to step through the corresponding vector
operands while executing the appropriate calculations
There is an address wrap-around for those vector instruc-
tions that require some of their operands to be located in
cyclic buffers The allowed values for the increment field are
0 through 15 The actual increment will be 2increment words
The allowed values for the WRAP-AROUND field are 0
through 15 The actual wrap-around will be 2WRAP-AROUND
words The WRAP-AROUND must be greater or equal to
the INCREMENT
The X Y and Z registers can be read and written by the
core These registers can be read and written by the com-
mand-list execution unit as well as by the core when using
SX SXL SXH SY SZ LX LY and LZ instructions
EABRExternal Address Base Register
The format of the external address base register is shown in
Figure 2-7
31
17
16
0
ADDRESS
0
FIGURE 2-7 EABR Register Format
The EABR register is used together with a 16-bit address
field to form a 32-bit external address External addresses
are specified as the sum of the value in EABR and two times
the value of the 16-bit address pointed by registers X Y or
Z The only value allowed to be written into bits 0 through 16
of EABR is ‘‘0’’ The EABR register can be read and written
by the core It can also be written by the command-list exe-
cution unit by using the LEABR instruction
EABR can hold any value except for FFFE0000 Accessing
external memory with an FFFE0000 in the EABR will cause
unpredictable results
CLPTRCommand List Pointer
The CLPTR is a 16-bit register that holds the address of the
current command in the internal RAM Writing into the
CLPTR causes the DSPM command-list execution unit to
begin executing commands starting from the address in
CLPTR The CLPTR can be read and written by the core
while the command-list execution is idle
Whenever the DSPM command-list execution unit reads a
command from the DSPM RAM the value of CLPTR is up-
dated to contain the address of the next command to be
executed This implies for example that if the last com-
mand in a list is in address N the CLPTR will hold a value of
N a 1 following the end of command list execution
OVFOverflow Register
The format of the overflow register is shown in
Figure 2-8
15
2
1
0
Reserved
OVF
SAT
FIGURE 2-8 OVF Register Format
The OVF register holds the current status of the DSPM
arithmetic unit It has two fields OVF and SAT The OVF bit
is set to ‘‘1’’ whenever an overflow is detected in the DSPM
34-bit ALU (eg bits 32 and 33 of the ALU are not equal)
No overflow detection is provided for integers The SAT bit
is set to ‘‘1’’ whenever a value read from the accumulator
cannot be represented within the limits of its data type (eg
16 bits for real and integer and 31 bits for extended real) In
this case the value read from the accumulator will either be
the maximum allowed value or the minimal allowed value for
this data type depending on the sign of the accumulator
value Note that in some cases when the OVF is set the
SAT will not be set The reason is that if an OVF occurred
the value in the accumulator can no longer be used for
proper SAT detection
Upon reset
and whenever the
ABORT register is written the non reserved bits of the OVF
register is cleared to ‘‘0’’
The OVF is a read only register It can be read by the core It
can also be read by the command-list execution unit using
the SOVF instruction Reading the OVF by either the core or
the command-list execution unit clears it to ‘‘0’’
PARAMVector Parameter Register
The format of the PARAM register is shown in Figure 2-9
31
26
25
24 19
18
17
16
15
0
Reserved
RND
OP
SUB CLR COJ
LENGTH
FIGURE 2-9 PARAM Register Format
The PARAM register is used to specify the number of itera-
tions and special options for the various instructions The
options are RND OP SUB CLR and COJ The effect of
each of the bits of the PARAM register is specified in Sec-
tion 34
The PARAM register can be read and written by the core It
can also be written by the command-list execution unit by
using the LPARAM instruction The value written into PAR-
AMLENGTH must be greater then 0
The value of PARAMLENGTH is not changed during com-
mand-list execution unless it is written into using the
LPARAM instruction
REPEATCommand-List Repeat Register
The format of the repeat register is shown in
Figure 2-10
31
16
15
0
COUNT
TARGET
FIGURE 2-10 REPEAT Register Format
The REPEAT register is used together with appropriate
commands to implement loops and branches in the com-
mand list The count is used to specify the number of times
a loop in the command list is to be repeated The target is
used to specify a jump address within the command list
The REPEAT register can be read and written by the core It
can also be read and written by the command-list execution
unit by using SREPEAT and LREPEAT instructions respec-
tively
The value of REPEATCOUNT changes during the execu-
tion of the DJNZ command
ABORTAbort Register
The ABORT register is used to force execution of the com-
mand list to halt Writing any value into this register stops
execution and clears the contents of OVF EXT DSPINT
and DSPMASK The ABORT register can only be written
and only by the core
10


Similar Part No. - NS32FX161-15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NS32FX161-15 TI1-NS32FX161-15 Datasheet
1Mb / 104P
[Old version datasheet]   Advanced Imaging/Communication Signal Processors
More results

Similar Description - NS32FX161-15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NS32FV16 TI1-NS32FV16 Datasheet
1Mb / 104P
[Old version datasheet]   Advanced Imaging/Communication Signal Processors
TMS320DM641 TI-TMS320DM641_08 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM640AZNZ4 TI1-TMS320DM640AZNZ4 Datasheet
1Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_05 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641 Datasheet
2Mb / 171P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
logo
National Semiconductor ...
NS32FX16-15 NSC-NS32FX16-15 Datasheet
902Kb / 88P
   Imaging/Signal Processor
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
logo
List of Unclassifed Man...
ULN3841A ETC-ULN3841A Datasheet
738Kb / 8P
   AM SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com