Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS32FX16-20 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NS32FX16-20
Description  Imaging/Signal Processor
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NS32FX16-20 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  NS32FX16-20 Datasheet HTML 1Page - National Semiconductor (TI) NS32FX16-20 Datasheet HTML 2Page - National Semiconductor (TI) NS32FX16-20 Datasheet HTML 3Page - National Semiconductor (TI) NS32FX16-20 Datasheet HTML 4Page - National Semiconductor (TI) NS32FX16-20 Datasheet HTML 5Page - National Semiconductor (TI) NS32FX16-20 Datasheet HTML 6Page - National Semiconductor (TI) NS32FX16-20 Datasheet HTML 7Page - National Semiconductor (TI) NS32FX16-20 Datasheet HTML 8Page - National Semiconductor (TI) NS32FX16-20 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
List of Illustrations (Continued)
B B Instructions Format
2-17
BITWT Instruction Format
2-18
EXTBLT Instruction Format
2-19
MOVMPi Instruction Format
2-20
TBITS Instruction Format
2-21
SBITS Instruction Format
2-22
SBITPS Instruction Format
2-23
Bus Activity for a Simple BITBLT Operation
2-24
Operating States
3-1
Slave Processor Protocol
3-2
Slave Processor Status Word
3-3
Interrupt Dispatch Table
3-4
Exception Acknowledge Sequence
3-5
Return from Trap (RETTn) Instruction Flow
3-6
Return from Interrupt (RETI) Instruction Flow
3-7
Interrupt Control Unit Connections (16 Levels)
3-8
Cascaded Interrupt Control Unit Connections
3-9
Exception Processing Flowchart
3-10
Service Sequence
3-11
DSP Module Block Diagram
3-12
Memory Organization of a Complex Vector
3-13
Power and Ground Connections
3-14
Crystal Interconnections30 MHz
3-15
Crystal Interconnections40 MHz 50 MHz
3-16
Recommended Reset Connections3-17
Power-On Reset Requirements
3-18
General Reset Timings
3-19
Bus Connections
3-20
Read Cycle Timing
3-21
Write Cycle Timing
3-22
Cycle Extension of a Read Cycle
3-23
Special Bus Cycle Timing
3-24
Slave Processor Read Cycle
3-25
Slave Processor Write Cycle
3-26
NS32FX16 and FPU Interconnections
3-27
Memory Interface
3-28
HOLD Timing Bus Initially Idle
3-29
HOLD Timing Bus Initially Not Idle
3-30
4


Similar Part No. - NS32FX16-20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NS32FX161 TI1-NS32FX161 Datasheet
1Mb / 104P
[Old version datasheet]   Advanced Imaging/Communication Signal Processors
logo
National Semiconductor ...
NS32FX161-15 NSC-NS32FX161-15 Datasheet
1Mb / 102P
   Advanced Imaging/Communication Signal Processors
logo
Texas Instruments
NS32FX161-15 TI1-NS32FX161-15 Datasheet
1Mb / 104P
[Old version datasheet]   Advanced Imaging/Communication Signal Processors
NS32FX161-20 TI1-NS32FX161-20 Datasheet
1Mb / 104P
[Old version datasheet]   Advanced Imaging/Communication Signal Processors
NS32FX164 TI1-NS32FX164 Datasheet
1Mb / 104P
[Old version datasheet]   Advanced Imaging/Communication Signal Processors
More results

Similar Description - NS32FX16-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9826 AD-AD9826_12 Datasheet
275Kb / 20P
   Complete 16-Bit Imaging Signal Processor
REV. B
AD9826 AD-AD9826 Datasheet
159Kb / 20P
   Complete 16-Bit Imaging Signal Processor
REV. A
logo
Texas Instruments
SM320DM642-EP TI-SM320DM642-EP_10 Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
SM320DM642-EP TI-SM320DM642-EP Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
TMS320DM642 TI-TMS320DM642 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM642 TI-TMS320DM642_08 Datasheet
1Mb / 176P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM643 TI-TMS320DM643_07 Datasheet
1Mb / 162P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM643AZDK5 TI1-TMS320DM643AZDK5 Datasheet
1Mb / 164P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM642 TI1-TMS320DM642_17 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
logo
C&D Technologies
ADCDS-1403 CANDD-ADCDS-1403 Datasheet
192Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com