Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9480 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9480
Description  Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9480 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9480 Datasheet HTML 3Page - Maxim Integrated Products MAX9480 Datasheet HTML 4Page - Maxim Integrated Products MAX9480 Datasheet HTML 5Page - Maxim Integrated Products MAX9480 Datasheet HTML 6Page - Maxim Integrated Products MAX9480 Datasheet HTML 7Page - Maxim Integrated Products MAX9480 Datasheet HTML 8Page - Maxim Integrated Products MAX9480 Datasheet HTML 9Page - Maxim Integrated Products MAX9480 Datasheet HTML 10Page - Maxim Integrated Products MAX9480 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Low-Power, Low-Distortion, Central-Office
ADSL Drivers and Integrated Drivers/Receivers
_______________________________________________________________________________________
7
Pin Description
PIN
MAX9482
MAX9480
MAX9481
TSSOP
QFN
NAME
FUNCTION
1
2
2
31
POUT1
First Preamp Output
2
3
3
1
IN1-
First Inverting Input
3
4
4
2
IN1+
First Noninverting Input
4
11
10
RXP
Positive Receiver Output from Internal Hybrid
5
5
5
3
DGND
Ground
6
6
6
4
SHDN
Shutdown Control Pin
7
16
15
RXM
Negative Receiver Output from Internal Hybrid
8
7
7
5
IN2+
Second Preamp Noninverting Input
9
8
8
6
IN2-
Second Preamp Inverting Input
10
9
9
7
POUT2
Second Preamp Output
11, 20
11, 20
18, 28
17, 28
VLM
-2.5V Negative Power-Supply Voltage
12, 19
12, 19
19, 27
18, 27
VLP
+2.5V Positive Power-Supply Voltage
13, 18
13, 18
20, 25
19, 24
VCC
+5V Positive Power-Supply Voltage
14
14
21
20
OUT2
Second Driver Output
15, 16
15, 16
22, 23
21, 22
VEE
-5V First Negative Power-Supply Voltage
17
17
24
23
OUT1
First Driver Output
1
1
30
BOUT1
First Driver Output Sense
10
10
8
BOUT2
Second Driver Output Sense
——
12
11
RXIN1-
First Receiver Inverting Input
——
13
12
RXIN1+
First Receiver Noninverting Input
——
14
13
RXIN2+
Second Receiver Noninverting Input
——
15
14
RXIN2-
Second Receiver Inverting Input
——
17, 26
9, 16, 25, 26,
29, 32
N.C.
Not Internally Connected
EP
EP
EP
EP
VEE
Exposed pad internally connected to VEE.
See the Applications Information section.


Similar Part No. - MAX9480

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9480 MAXIM-MAX9480 Datasheet
524Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 2; 9/05
MAX9480EUP MAXIM-MAX9480EUP Datasheet
524Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 2; 9/05
MAX9480 MAXIM-MAX9480_05 Datasheet
524Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 2; 9/05
More results

Similar Description - MAX9480

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9480 MAXIM-MAX9480_05 Datasheet
524Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 2; 9/05
logo
Texas Instruments
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
SN75C185 TI-SN75C185_06 Datasheet
305Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI1-SN75C185_16 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
THS6032 TI-THS6032 Datasheet
496Kb / 31P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
SN75C185 TI-SN75C185 Datasheet
141Kb / 10P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
logo
Broadcom Corporation.
BCM6410 BOARDCOM-BCM6410 Datasheet
162Kb / 1P
   LOW POWER HIGH DENSITY CENTRAL OFFICE ADSL SOLUTION
logo
Texas Instruments
SN65C1154 TI-SN65C1154_06 Datasheet
365Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1154 TI1-SN65C1154_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1406 TI-SN75C1406 Datasheet
126Kb / 8P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com