Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP45DT02-M Datasheet(PDF) 1 Page - STMicroelectronics

Part # MP45DT02-M
Description  MEMS audio sensor omnidirectional digital microphone
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP45DT02-M Datasheet(HTML) 1 Page - STMicroelectronics

  MP45DT02-M Datasheet HTML 1Page - STMicroelectronics MP45DT02-M Datasheet HTML 2Page - STMicroelectronics MP45DT02-M Datasheet HTML 3Page - STMicroelectronics MP45DT02-M Datasheet HTML 4Page - STMicroelectronics MP45DT02-M Datasheet HTML 5Page - STMicroelectronics MP45DT02-M Datasheet HTML 6Page - STMicroelectronics MP45DT02-M Datasheet HTML 7Page - STMicroelectronics MP45DT02-M Datasheet HTML 8Page - STMicroelectronics MP45DT02-M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
June 2016
DocID029435 Rev 1
1/16
This is information on a product in full production.
www.st.com
MP45DT02-M
MEMS audio sensor omnidirectional digital microphone
Datasheet - production data
Features
Single supply voltage
Low power consumption
120 dBSPL acoustic overload point
Omnidirectional sensitivity
PDM single-bit output with option for stereo
configuration
HLGA metal package (SMD-compliant)
ECOPACK
®, RoHS, and “Green” compliant
Applications
Mobile terminals
Laptop and notebook computers
Portable media players
VoIP
Speech recognition
A/V eLearning devices
Gaming and virtual reality input devices
Digital still and video cameras
Antitheft systems
Description
The MP45DT02-M is a compact, low-power, top-
port, omnidirectional, digital MEMS microphone.
The MP45DT02-M is built with a sensing element
and an IC interface with stereo capability.
The sensing element, capable of detecting
acoustic waves, is manufactured using a
specialized silicon micromachining process to
produce audio sensors.
The IC interface is manufactured using a CMOS
process that allows designing a dedicated circuit
able to provide a digital signal externally in PDM
format.
The MP45DT02-M has an acoustic overload
point of 120 dBSPL with a best on the market
61 dB signal-to-noise ratio and -26 dB sensitivity.
The MP45DT02-M is available in an SMD-
compliant metal package and is guaranteed to
operate over an extended temperature range
from -30 °C to +85 °C.
The MP45DT02-M’s digital output and package
size (1.25 mm thick) make this device the best
solution for laptop and portable computing
applications.
Table 1: Device summary
Order code
Temp. range [°C]
Package
Packing
MP45DT02TR-M
-30 to +85
HLGA
4.72 x 3.76 6LD
Tape and reel


Similar Part No. - MP45DT02-M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP45DT02 STMICROELECTRONICS-MP45DT02 Datasheet
362Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
MP45DT02TR STMICROELECTRONICS-MP45DT02TR Datasheet
362Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
More results

Similar Description - MP45DT02-M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP34DB02 STMICROELECTRONICS-MP34DB02 Datasheet
372Kb / 17P
   MEMS audio sensor omnidirectional digital microphone
April 2016 Rev 2
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
   MEMS audio sensor omnidirectional digital microphone
MP34DB01 STMICROELECTRONICS-MP34DB01 Datasheet
321Kb / 15P
   MEMS audio sensor omnidirectional digital microphone
MP34DT04 STMICROELECTRONICS-MP34DT04 Datasheet
649Kb / 21P
   MEMS audio sensor omnidirectional digital microphone
November 2016 Rev 3
MP45DT02 STMICROELECTRONICS-MP45DT02 Datasheet
362Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
MP34DT02 STMICROELECTRONICS-MP34DT02 Datasheet
762Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
MP34DT01-M STMICROELECTRONICS-MP34DT01-M Datasheet
753Kb / 17P
   MEMS audio sensor omnidirectional digital microphone
MP34DT05 STMICROELECTRONICS-MP34DT05 Datasheet
633Kb / 21P
   MEMS audio sensor omnidirectional digital microphone
November 2016 Rev 1
MP34DT06J STMICROELECTRONICS-MP34DT06J Datasheet
1Mb / 20P
   MEMS audio sensor omnidirectional digital microphone
July 2021 Rev 3
IMP34DT05 STMICROELECTRONICS-IMP34DT05 Datasheet
1Mb / 20P
   MEMS audio sensor omnidirectional digital microphone for industrial applications
Rev 3 - April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com