Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJPB-D6VR Datasheet(PDF) 2 Page - Sanken electric

Part # SJPB-D6VR
Description  SJPB-D6 is a Schottky Barrier Diode, and has achieved low leakage current and low VF by selecting the best barrier metal.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SJPB-D6VR Datasheet(HTML) 2 Page - Sanken electric

  SJPB-D6VR Datasheet HTML 1Page - Sanken electric SJPB-D6VR Datasheet HTML 2Page - Sanken electric SJPB-D6VR Datasheet HTML 3Page - Sanken electric SJPB-D6VR Datasheet HTML 4Page - Sanken electric SJPB-D6VR Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.sanken-ele.co.jp
SJPB-D6
May. 2016
Schottky Barrier Rectifier
The information included herein is believed to be accurate and reliable. However, SANKEN ELECTRIC CO., LTD assumes no
responsibility for its use ; nor for any infringements of patents or other rights of third parties that may result from its use.
Copy Right: SANKEN ELECTRIC CO.,LTD.
Page 2
SANKEN ELECTRIC
Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
60
2
Peak Reverse Voltage
VRM
V
60
3
Average Forward Current
IF(AV)
A
1.0
4
Peak Surge Forward Current
IFSM
A
20
Half sine-wave, one shot
5
I
2t Limiting Value
I
2t
A
2s
2.0
1ms ≤ t ≤ 10ms
6
Junction Temperature
Tj
°C
-40 to 150
7
Storage Temperature
Tstg
°C
-40 to 150
Electrical characteristics (Ta=25°C, unless otherwise specified)
No.
Item
Symbol
Unit
Value
Conditions
1
Forward Voltage Drop
VF
V
0.68 max.
IF=1.0A
2
Reverse Leakage Current
IR
µA
100 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
H・IR
mA
30 max.
VR=VRM, Tj=150°C
4
Thermal Resistance
Rth(j-l)
°C/W
20 max.
Between Junction and Lead


Similar Part No. - SJPB-D6VR

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SJPB-D6 SANKEN-SJPB-D6 Datasheet
187Kb / 4P
   Schottky Barrier Rectifier
More results

Similar Description - SJPB-D6VR

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SJPB-L6VL SANKEN-SJPB-L6VL Datasheet
71Kb / 4P
   SJPB-H6 is a Schottky Barrier Diode, and has achieved low leakage current and low VF by selecting the best barrier metal.
SJPB-D4VR SANKEN-SJPB-D4VR Datasheet
229Kb / 5P
   SJPB-D4 is a Schottky Barrier Diode, and has achieved low leakage current and low VF by selecting the best barrier metal.
SJPB-L4VL SANKEN-SJPB-L4VL Datasheet
236Kb / 5P
   SJPB-L4 is a Schottky Barrier Diode, and has achieved low leakage current and low VF by selecting the best barrier metal.
SJPJ-L3VL SANKEN-SJPJ-L3VL Datasheet
245Kb / 5P
   SJPJ-L3 is a Schottky Barrier Diode, and has achieved low leakage current and low VF by selecting the best barrier metal.
logo
FutureWafer Tech Co.,Lt...
PTS5100T FUTUREWAFER-PTS5100T Datasheet
1Mb / 7P
   Extra Low Leakage Current Schottky Barrier Diode
logo
Zowie Technology Corpor...
SSCD104LSH ZOWIE-SSCD104LSH Datasheet
219Kb / 2P
   Low VF Schottky Barrier Diode
SSCD102LSH ZOWIE-SSCD102LSH Datasheet
219Kb / 2P
   Low VF Schottky Barrier Diode
logo
Pan Jit International I...
SX33L PANJIT-SX33L Datasheet
82Kb / 3P
   LOW VF SCHOTTKY BARRIER DIODE
logo
Shenzhen Taychipst Elec...
SX33L TAYCHIPST-SX33L Datasheet
10Mb / 2P
   LOW VF SCHOTTKY BARRIER DIODE
logo
Zowie Technology Corpor...
MSCD102LH ZOWIE-MSCD102LH Datasheet
232Kb / 2P
   Low VF Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com