Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M374S1723FTS-C7A Datasheet(PDF) 3 Page - Samsung semiconductor

Part # M374S1723FTS-C7A
Description  SDRAM Unbuffered Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M374S1723FTS-C7A Datasheet(HTML) 3 Page - Samsung semiconductor

  M374S1723FTS-C7A Datasheet HTML 1Page - Samsung semiconductor M374S1723FTS-C7A Datasheet HTML 2Page - Samsung semiconductor M374S1723FTS-C7A Datasheet HTML 3Page - Samsung semiconductor M374S1723FTS-C7A Datasheet HTML 4Page - Samsung semiconductor M374S1723FTS-C7A Datasheet HTML 5Page - Samsung semiconductor M374S1723FTS-C7A Datasheet HTML 6Page - Samsung semiconductor M374S1723FTS-C7A Datasheet HTML 7Page - Samsung semiconductor M374S1723FTS-C7A Datasheet HTML 8Page - Samsung semiconductor M374S1723FTS-C7A Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
64MB, 128MB, 256MB Unbuffered DIMM
Rev. 1.3 May 2004
SDRAM
168Pin Unbuffered DIMM based on 128Mb F-die (x8, x16)
Ordering Information
Operating Frequencies
Part Number
Density
Organization
Component Composition
Component
Package
Height
M366S0924FTS-C7A
64MB
8M x 64
8Mx16(K4S281632F) * 4EA
54-TSOPII
1,000mil
M366S1723FTS-C7A
128MB
16M x 64
16Mx8(K4S280832F) * 8EA
1,375mil
M366S1723FTU-C7A
128MB
16M x 64
16Mx8(K4S280832F) * 8EA
1,125mil
M374S1723FTS-C7A
128MB
16M x 72
16Mx8(K4S280832F) * 9EA
1,375mil
M374S1723FTU-C7A
128MB
16M x 72
16Mx8(K4S280832F) * 9EA
1,125mil
M366S3323FTS-C7A
256MB
32M x 64
16Mx8(K4S280832F)*16EA
1,375mil
M366S3323FTU-C7A
256MB
32M x 64
16Mx8(K4S280832F)*16EA
1,125mil
M374S3323FTS-C7A
256MB
32M x 72
16Mx8(K4S280832F)*18EA
1,375mil
M374S3323FTU-C7A
256MB
32M x 72
16Mx8(K4S280832F)*18EA
1,125mil
-7A
@CL3
@CL2
Maximum Clock Frequency
133MHz(7.5ns)
100MHz(10ns)
CL-tRCD-tRP(clock)
3 - 3 - 3
2 - 2 - 2
Feature
• Burst mode operation
• Auto & self refresh capability (4096 Cycles/64ms)
• LVTTL compatible inputs and outputs
• Single 3.3V
± 0.3V power supply
• MRS cycle with address key programs Latency (Access from column address)
Burst length (1, 2, 4, 8 & Full page)
Data scramble (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the system clock
• Serial presence detect with EEPROM


Similar Part No. - M374S1723FTS-C7A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M374S1723ETS-C7A SAMSUNG-M374S1723ETS-C7A Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M374S1723ETU-C7A SAMSUNG-M374S1723ETU-C7A Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M374S1723IUS SAMSUNG-M374S1723IUS Datasheet
153Kb / 8P
   SDRAM Product Guide
More results

Similar Description - M374S1723FTS-C7A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M366S6453ET SAMSUNG-M366S6453ET Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M366S1723ET SAMSUNG-M366S1723ET Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M378T6453FZ0 SAMSUNG-M378T6453FZ0 Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
M378T3354BG SAMSUNG-M378T3354BG Datasheet
367Kb / 23P
   DDR2 Unbuffered SDRAM MODULE
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M368L5623MTN SAMSUNG-M368L5623MTN Datasheet
250Kb / 17P
   DDR SDRAM Unbuffered Module
M368L6523CUS SAMSUNG-M368L6523CUS Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
M368L3223ETN SAMSUNG-M368L3223ETN Datasheet
377Kb / 22P
   DDR SDRAM Unbuffered Module
M378T3253FGZ3-CE6 SAMSUNG-M378T3253FGZ3-CE6 Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
logo
List of Unclassifed Man...
NT256S64V8HC0G ETC1-NT256S64V8HC0G Datasheet
156Kb / 10P
   32Mx64 bit Two Bank Unbuffered SDRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com