Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP33AB01H Datasheet(PDF) 8 Page - STMicroelectronics

Part # MP33AB01H
Description  MEMS audio surface-mount bottom-port silicon microphone with analog output
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP33AB01H Datasheet(HTML) 8 Page - STMicroelectronics

Back Button MP33AB01H Datasheet HTML 4Page - STMicroelectronics MP33AB01H Datasheet HTML 5Page - STMicroelectronics MP33AB01H Datasheet HTML 6Page - STMicroelectronics MP33AB01H Datasheet HTML 7Page - STMicroelectronics MP33AB01H Datasheet HTML 8Page - STMicroelectronics MP33AB01H Datasheet HTML 9Page - STMicroelectronics MP33AB01H Datasheet HTML 10Page - STMicroelectronics MP33AB01H Datasheet HTML 11Page - STMicroelectronics MP33AB01H Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Package mechanical data
MP33AB01H
8/13
DocID024171 Rev 3
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Soldering information
The RHLGA (3.76 x 2.95) mm package is also compliant with the RoHS and “Green”
standards and is qualified for soldering heat resistance according to JEDEC J-STD-020.
Land pattern and soldering recommendations are available at www.st.com.
Figure 4. Recommended soldering profile limits
Table 6. Recommended soldering profile limits
Description
Parameter
Pb free
Average ramp rate
TL to TP
3 °C/sec max
Preheat
Minimum temperature
Maximum temperature
Time (TSMIN to TSMAX)
TSMIN
TSMAX
tS
150 °C
200 °C
60 sec to 120 sec
Ramp-up rate
TSMAX to TL
Time maintained above liquidous temperature
Liquidous temperature
tL
TL
60 sec to 150 sec
217 °C
Peak temperature
TP
260 °C max
Time within 5 °C of actual peak temperature
20 sec to 40 sec
Ramp-down rate
6 °C/sec max
Time 25 °C (t25 °C) to peak temperature
8 minutes max
T25°C to PEAK
RAMP-DOWN
RAMP-UP
ts
PREHEAT
t
L
t
p
CRITICAL ZONE
T
L to T P
T
SMAX
T
SMIN
TIME
T
P
T
L
30
60
90
120
150
180
210
240
270
300
330
360
390
AM045166v1


Similar Part No. - MP33AB01H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP33AB01 STMICROELECTRONICS-MP33AB01 Datasheet
447Kb / 13P
   Low power consumption
September 2013 Rev 2
More results

Similar Description - MP33AB01H

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
   Miniature Bottom Port Analog MEMS Microphone
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
   Miniature Bottom Port Analog MEMS Microphone
logo
TDK Electronics
UG-126 TDK-UG-126 Datasheet
140Kb / 2P
   Bottom Port Analog MEMS Microphone Evaluation Board
logo
STMicroelectronics
MP23ABS1 STMICROELECTRONICS-MP23ABS1 Datasheet
568Kb / 15P
   High-performance MEMS audio sensor: single-ended analog bottom-port microphone
October 2020 Rev 6
logo
Cirrus Logic
WM7331 CIRRUS-WM7331 Datasheet
787Kb / 12P
   Bottom Port Analog Silicon Microphone
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
   Bottom Port Analog Silicon Microphone
WM7132 CIRRUS-WM7132 Datasheet
727Kb / 12P
   Bottom Port Analog Silicon Microphone
WM7331E CIRRUS-WM7331E Datasheet
787Kb / 12P
   Bottom Port Analog Silicon Microphone
logo
TDK Electronics
INMP405 TDK-INMP405 Datasheet
373Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
   Omnidirectional Microphone with Bottom Port and Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com