Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSM330D Datasheet(PDF) 19 Page - STMicroelectronics

Part # LSM330D
Description  Low power mode
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330D Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LSM330D Datasheet HTML 15Page - STMicroelectronics LSM330D Datasheet HTML 16Page - STMicroelectronics LSM330D Datasheet HTML 17Page - STMicroelectronics LSM330D Datasheet HTML 18Page - STMicroelectronics LSM330D Datasheet HTML 19Page - STMicroelectronics LSM330D Datasheet HTML 20Page - STMicroelectronics LSM330D Datasheet HTML 21Page - STMicroelectronics LSM330D Datasheet HTML 22Page - STMicroelectronics LSM330D Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
LSM330D
Terminology
Doc ID 022562 Rev 2
19/66
3
Terminology
3.1
Sensitivity
Linear acceleration sensitivity can be determined e.g. by applying 1 g acceleration to the
device. Because the sensor can measure DC accelerations, this can be done easily by
pointing the selected axis towards the ground, noting the output value, rotating the sensor
180 degrees (pointing towards the sky) and noting the output value again. By doing so, ±1 g
acceleration is applied to the sensor. Subtracting the larger output value from the smaller
one, and dividing the result by 2, leads to the actual sensitivity of the sensor. This value
changes very little over temperature and over time. The sensitivity tolerance describes the
range of sensitivities of a large number of sensors.
Angular Rate Sensitivity describes the angular rate gain of the sensor and can be
determined by applying a defined angular velocity to it. This value changes very little over
temperature and also very little over time.
3.2
Zero level
Linear acceleration zero-g level offset (TyOff) describes the deviation of an actual output
signal from the ideal output signal if no acceleration is present. A sensor in a steady state on
a horizontal surface will measure 0 g on both the X axis and Y axes, whereas the Z axis will
measure 1 g. Ideally, the output is in the middle of the dynamic range of the sensor (content
of OUT registers 00h, data expressed as 2’s complement number). A deviation from the
ideal value in this case is called zero-g offset.
Offset is to some extent a result of stress to MEMS sensor and therefore the offset can
slightly change after mounting the sensor onto a printed circuit board or exposing it to
extensive mechanical stress. Offset changes little over temperature, see “Linear
acceleration zero-g level change vs. temperature” in Table 3. The zero-g level tolerance
(TyOff) describes the standard deviation of the range of zero-g levels of a group of sensors.
Angular rate zero-rate level describes the actual output value if there is no angular rate
present. zero-rate level of precise MEMS sensors is, to some extent, a result of stress to the
sensor and therefore zero-rate level can slightly change after mounting the sensor onto a
printed circuit board or after exposing it to extensive mechanical stress. This value changes
very little over temperature and over time.


Similar Part No. - LSM330D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DL STMICROELECTRONICS-LSM330DL Datasheet
1Mb / 54P
   Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
   iNEMO inertial module: 3D accelerometer and 3D gyroscope
LSM330DLCTR STMICROELECTRONICS-LSM330DLCTR Datasheet
1Mb / 66P
   iNEMO inertial module: 3D accelerometer and 3D gyroscope
LSM330DLTR STMICROELECTRONICS-LSM330DLTR Datasheet
1Mb / 54P
   Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
More results

Similar Description - LSM330D

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV9732 OMNIVISION-OV9732 Datasheet
740Kb / 2P
   low power mode (LPM) function
OV5695 OMNIVISION-OV5695 Datasheet
1Mb / 2P
   ultra low power mode (ULPM)
logo
Vishay Siliconix
SIP2800 VISHAY-SIP2800 Datasheet
93Kb / 8P
   Low Power Consumption Current Mode Controller
Rev.C, 30-Aug-04
logo
Rhombus Industries Inc.
L-11608 RHOMBUS-IND-L-11608 Datasheet
18Kb / 1P
   Low & Medium Power Common Mode Inductors
logo
Texas Instruments
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
logo
TDK Electronics
ICS-40212 TDK-ICS-40212 Datasheet
312Kb / 16P
   Analog Microphone with Low Power Mode
logo
Texas Instruments
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
logo
Rhombus Industries Inc.
L-699 RHOMBUS-IND-L-699 Datasheet
18Kb / 1P
   Low & Medium Power Common Mode Inductors
logo
Texas Instruments
UCC1802J TI-UCC1802J Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com