Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSM6DS0 Datasheet(PDF) 37 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 33Page - STMicroelectronics LSM6DS0 Datasheet HTML 34Page - STMicroelectronics LSM6DS0 Datasheet HTML 35Page - STMicroelectronics LSM6DS0 Datasheet HTML 36Page - STMicroelectronics LSM6DS0 Datasheet HTML 37Page - STMicroelectronics LSM6DS0 Datasheet HTML 38Page - STMicroelectronics LSM6DS0 Datasheet HTML 39Page - STMicroelectronics LSM6DS0 Datasheet HTML 40Page - STMicroelectronics LSM6DS0 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
DocID025604 Rev 3
37/59
LSM6DS0
Register description
59
7.5
INT_GEN_THS_Y_XL (08h)
Linear acceleration sensor interrupt threshold register.
Table 30. INT_GEN_THS_Y_XL register description
7.6
INT_GEN_THS_Z_XL (09h)
Linear acceleration sensor interrupt threshold register.
Table 32. INT_GEN_THS_Z_XL register description
7.7
INT_GEN_DUR_XL (0Ah)
Linear acceleration sensor interrupt duration register.
Table 33. INT_GEN_DUR_XL register
Table 34. INT_GEN_DUR_XL register description
7.8
REFERENCE_G (0Bh)
Angular rate sensor reference value register for digital high-pass filter (r/w)
Table 35. REFERENCE_G register
Table 36. REFERENCE_G register description
Table 29. INT_GEN_THS_Y_XL register
THS_XL_Y7 THS_XL_Y6 THS_XL_Y5 THS_XL_Y4 THS_XL_Y3 THS_XL_Y2 THS_XL_Y1 THS_XL_Y0
THS_XL_Y [7:0]
Y-axis interrupt threshold. Default value: 0000 0000
Table 31. INT_GEN_THS_Z_XL register
THS_XL_Z7 THS_XL_Z6 THS_XL_Z5 THS_XL_Z4 THS_XL_Z3 THS_XL_Z2 THS_XL_Z1 THS_XL_Z0
THS_XL_Z [7:0]
Z-axis interrupt threshold. Default value: 0000 0000
WAIT_XL
DUR_XL6
DUR_XL5
DUR_XL4
DUR_XL3
DUR_XL2
DUR_XL1
DUR_XL0
WAIT_XL
Wait function enabled on duration counter. Default value: 0
(0: wait function off; 1: wait for DUR_XL [6:0] samples before exiting interrupt)
DUR_XL [6:0]
Enter/exit interrupt duration value. Default value: 000 0000
REF7_G
REF6_G
REF5_G
REF4_G
REF3_G
REF2_G
REF1_G
REF0_G
REF_G [7:0]
Reference value for gyroscope’s digital high-pass filter (r/w).
Default value: 0000 0000


Similar Part No. - LSM6DS0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DS3 STMICROELECTRONICS-LSM6DS3 Datasheet
1Mb / 100P
   always-on 3D accelerometer and 3D gyroscope
LSM6DS33 STMICROELECTRONICS-LSM6DS33 Datasheet
1Mb / 77P
   iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DS33TR STMICROELECTRONICS-LSM6DS33TR Datasheet
1Mb / 77P
   iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DS3H STMICROELECTRONICS-LSM6DS3H Datasheet
1Mb / 104P
   always-on 3D accelerometer and 3D gyroscope
LSM6DS3HTR STMICROELECTRONICS-LSM6DS3HTR Datasheet
1Mb / 104P
   always-on 3D accelerometer and 3D gyroscope
More results

Similar Description - LSM6DS0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303D STMICROELECTRONICS-LSM303D Datasheet
1Mb / 52P
   Embedded temperature sensor
November 2013 Rev 2
LIS2HH12 STMICROELECTRONICS-LIS2HH12 Datasheet
1Mb / 47P
   Embedded temperature sensor
December 2015 Rev 5
L2G2IS STMICROELECTRONICS-L2G2IS Datasheet
621Kb / 26P
   Embedded temperature sensor
February 2016 Rev 2
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
   Embedded temperature compensation
February 2017 Rev 2
LPS25H STMICROELECTRONICS-LPS25H Datasheet
1Mb / 45P
   Embedded temperature compensation
April 2016 Rev 5
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
   Embedded temperature compensation
July 2016 Rev 1
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com