Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSM6DS0 Datasheet(PDF) 13 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 9Page - STMicroelectronics LSM6DS0 Datasheet HTML 10Page - STMicroelectronics LSM6DS0 Datasheet HTML 11Page - STMicroelectronics LSM6DS0 Datasheet HTML 12Page - STMicroelectronics LSM6DS0 Datasheet HTML 13Page - STMicroelectronics LSM6DS0 Datasheet HTML 14Page - STMicroelectronics LSM6DS0 Datasheet HTML 15Page - STMicroelectronics LSM6DS0 Datasheet HTML 16Page - STMicroelectronics LSM6DS0 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
DocID025604 Rev 3
13/59
LSM6DS0
Module specifications
59
2.3
Temperature sensor characteristics
@ Vdd = 2.2 V, T = 25 °C unless otherwise noted (b)
b. The product is factory calibrated at 2.2 V.
Table 5. Temperature sensor characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
TODR
Temperature refresh rate
Gyro off(2)
50
Hz
Gyro on
59.5
TSen
Temperature sensitivity(3)
16
LSB/°C
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. When the accelerometer ODR is set to 10 Hz and the gyroscope part is turned off, the TODR value is 10 Hz.
3. The output of the temperature sensor is 0 (typ.) at 25°C


Similar Part No. - LSM6DS0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DS3 STMICROELECTRONICS-LSM6DS3 Datasheet
1Mb / 100P
   always-on 3D accelerometer and 3D gyroscope
LSM6DS33 STMICROELECTRONICS-LSM6DS33 Datasheet
1Mb / 77P
   iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DS33TR STMICROELECTRONICS-LSM6DS33TR Datasheet
1Mb / 77P
   iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DS3H STMICROELECTRONICS-LSM6DS3H Datasheet
1Mb / 104P
   always-on 3D accelerometer and 3D gyroscope
LSM6DS3HTR STMICROELECTRONICS-LSM6DS3HTR Datasheet
1Mb / 104P
   always-on 3D accelerometer and 3D gyroscope
More results

Similar Description - LSM6DS0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303D STMICROELECTRONICS-LSM303D Datasheet
1Mb / 52P
   Embedded temperature sensor
November 2013 Rev 2
LIS2HH12 STMICROELECTRONICS-LIS2HH12 Datasheet
1Mb / 47P
   Embedded temperature sensor
December 2015 Rev 5
L2G2IS STMICROELECTRONICS-L2G2IS Datasheet
621Kb / 26P
   Embedded temperature sensor
February 2016 Rev 2
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
   Embedded temperature compensation
February 2017 Rev 2
LPS25H STMICROELECTRONICS-LPS25H Datasheet
1Mb / 45P
   Embedded temperature compensation
April 2016 Rev 5
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
   Embedded temperature compensation
July 2016 Rev 1
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com