Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE42451MLIAA-Z Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # PE42451MLIAA-Z
Description  SP5T Absorptive UltraCMOS짰 High-Isolation RF Switch 450-4000 MHz, VssEXT option
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42451MLIAA-Z Datasheet(HTML) 1 Page - Peregrine Semiconductor

  PE42451MLIAA-Z Datasheet HTML 1Page - Peregrine Semiconductor PE42451MLIAA-Z Datasheet HTML 2Page - Peregrine Semiconductor PE42451MLIAA-Z Datasheet HTML 3Page - Peregrine Semiconductor PE42451MLIAA-Z Datasheet HTML 4Page - Peregrine Semiconductor PE42451MLIAA-Z Datasheet HTML 5Page - Peregrine Semiconductor PE42451MLIAA-Z Datasheet HTML 6Page - Peregrine Semiconductor PE42451MLIAA-Z Datasheet HTML 7Page - Peregrine Semiconductor PE42451MLIAA-Z Datasheet HTML 8Page - Peregrine Semiconductor PE42451MLIAA-Z Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Page 1 of 11
Document No. DOC-22914-2
│ www.psemi.com
©2009-2014 Peregrine Semiconductor Corp. All rights reserved.
Figure 1. Functional Diagram
Figure 2. Package Photo
24-lead 4x4 mm QFN
Product Specification
SP5T Absorptive UltraCMOS
®
High-Isolation RF Switch
450-4000 MHz, VssEXT option
PE42451
Features
 HaRP™-enhanced UltraCMOS® device
 Five symmetric, absorptive RF ports
 High Isolation:
 68 dB at 450 MHz
 62 dB at 900 MHz
 55 dB at 2100 MHz
 53 dB at 2600 MHz
 50 dB at 4000 MHz
 IIP2 of 95 dBm, IIP3 of 58 dBm
 High ESD tolerance of 3500 V HBM
 Optional External Vss Control (Vss
EXT)
 Three pin CMOS logic control
 No blocking capacitors required
 Small RoHS-Compliant 24-lead 4x4 mm
QFN package
The PE42451 is a HaRP™-enhanced Absorptive SP5T
RF Switch developed on the UltraCMOS
® process
technology. This general purpose switch is comprised of
five symmetric RF ports and has very high isolation. An
on-chip CMOS decode logic facilitates a three-pin low
voltage CMOS control interface and an optional external
Vss feature (VssEXT). High ESD tolerance and no
blocking capacitor requirements make this the ultimate in
integration and ruggedness.
Peregrine’s HaRP™ technology enhancements deliver
high linearity and exceptional harmonics performance. It
is an innovative feature of the UltraCMOS
® process,
providing performance superior to GaAs with the
economy and integration of conventional CMOS.
Product Description
RF2
RF5
RF4
CMOS Control/
Driver and ESD
V1 V2
RF1
V3
RF3
ESD
50
ESD
50
ESD
50
ESD
50
ESD
50
RFC
VssEXT (optional)
VDD
DOC-02114


Similar Part No. - PE42451MLIAA-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42451MLIAA-Z PEREGRINE-PE42451MLIAA-Z Datasheet
619Kb / 11P
   SP5T Absorptive UltraCMOS
More results

Similar Description - PE42451MLIAA-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42451 PSEMI-PE42451_14 Datasheet
403Kb / 11P
   SP5T Absorptive UltraCMOS짰 High-Isolation RF Switch
PE42452 PSEMI-PE42452_15 Datasheet
458Kb / 11P
   UltraCMOS SP5T RF Switch 450-4000 MHz
PE42451 PSEMI-PE42451 Datasheet
619Kb / 11P
   SP5T Absorptive UltraCMOS High-Isolation RF Switch
PE42452 PSEMI-PE42452_14 Datasheet
493Kb / 11P
   UltraCMOS짰 SP5T RF Switch
PE42851 PSEMI-PE42851 Datasheet
417Kb / 12P
   UltraCMOS짰 SP5T RF Switch 100 - 1000 MHz
PE42851MLBA-X PSEMI-PE42851MLBA-X Datasheet
380Kb / 12P
   UltraCMOS짰 SP5T RF Switch 100??000 MHz
PE42850 PSEMI-PE42850 Datasheet
372Kb / 12P
   UltraCMOS짰 SP5T RF Switch 30 - 1000 MHz
PE42452 PSEMI-PE42452 Datasheet
458Kb / 11P
   SP5T RF Switch 450??000 MHz
PE4251MLI-Z PSEMI-PE4251MLI-Z Datasheet
377Kb / 10P
   UltraCMOS짰 SPDT RF Switch 10??000 MHz, Absorptive
logo
Microsemi Corporation
GG75020 MICROSEMI-GG75020 Datasheet
97Kb / 2P
   ABSORPTIVE SP5T SWITCH MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com