Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE42422MLAA-Z Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # PE42422MLAA-Z
Description  UltraCMOS짰 SPDT RF Switch 5??000 MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42422MLAA-Z Datasheet(HTML) 1 Page - Peregrine Semiconductor

  PE42422MLAA-Z Datasheet HTML 1Page - Peregrine Semiconductor PE42422MLAA-Z Datasheet HTML 2Page - Peregrine Semiconductor PE42422MLAA-Z Datasheet HTML 3Page - Peregrine Semiconductor PE42422MLAA-Z Datasheet HTML 4Page - Peregrine Semiconductor PE42422MLAA-Z Datasheet HTML 5Page - Peregrine Semiconductor PE42422MLAA-Z Datasheet HTML 6Page - Peregrine Semiconductor PE42422MLAA-Z Datasheet HTML 7Page - Peregrine Semiconductor PE42422MLAA-Z Datasheet HTML 8Page - Peregrine Semiconductor PE42422MLAA-Z Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©2012-2016 Peregrine Semiconductor Corp. All rights reserved.
Page 1 of 16
Document No. DOC-33314-4 |
www.psemi.com
Product Specification
UltraCMOS® SPDT RF Switch
5–6000 MHz
PE42422
Features
Symmetric SPDT reflective switch
Low insertion loss
0.23 dB typical @ 100 MHz
0.25 dB typical @ 1000 MHz
0.40 dB typical @ 3000 MHz
0.65 dB typical @ 5000 MHz
0.90 dB typical @ 6000 MHz
Wide supply range of 2.3–5.5V
Excellent linearity
IIP2 of 105 dBm @ 17 MHz
IIP3 of 81 dBm @ 17 MHz
High ESD tolerance
4 kV HBM on RF pins to GND
1 kV on all other pins
Logic Select (LS) pin provides
maximum flexibility of control logic
12-lead 2 × 2 mm QFN package
Figure 2. Package Type
12-lead 2 x 2 x 0.55 mm QFN
Figure 1. Functional Diagram
RF1
RF2
V1
RFC
CMOS Control
Driver and ESD
ESD
ESD
LS
Product Description
The PE42422 is a HaRP™ technology-enhanced SPDT
RF switch designed to cover a broad range of
applications from 5–6000 MHz. This reflective switch
integrates on-board CMOS control logic with a low
voltage CMOS-compatible control interface and requires
no external components.
Peregrine’s HaRP technology enhancements deliver high
linearity and exceptional harmonics performance. It is an
innovative feature of the UltraCMOS® process, providing
performance superior to GaAs with the economy and
integration of conventional CMOS.
71-0068


Similar Part No. - PE42422MLAA-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42422MLAA-Z PEREGRINE-PE42422MLAA-Z Datasheet
362Kb / 13P
   UltraCMOS SPDT RF Switch
More results

Similar Description - PE42422MLAA-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4251MLI-Z PSEMI-PE4251MLI-Z Datasheet
377Kb / 10P
   UltraCMOS짰 SPDT RF Switch 10??000 MHz, Absorptive
PE42426 PSEMI-PE42426 Datasheet
1Mb / 17P
   SPDT RF Switch, 5??000 MHz
PE42721MLBA-Z PSEMI-PE42721MLBA-Z Datasheet
1Mb / 12P
   UltraCMOS짰 SPDT RF Switch 5??200 MHz
PE42851MLBA-X PSEMI-PE42851MLBA-X Datasheet
380Kb / 12P
   UltraCMOS짰 SP5T RF Switch 100??000 MHz
PE42420LGBB-Z PSEMI-PE42420LGBB-Z Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100.6000 MHz
PE42720 PSEMI-PE42720_14 Datasheet
983Kb / 11P
   UltraCMOS짰 SPDT RF Switch
PE42420 PSEMI-PE42420_14 Datasheet
400Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
PE42422 PSEMI-PE42422_14 Datasheet
962Kb / 13P
   UltraCMOS짰 SPDT RF Switch
PE42721 PSEMI-PE42721_14 Datasheet
345Kb / 12P
   UltraCMOS짰 SPDT RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com