Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQ-3202 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # CQ-3202
Description  High-Speed Response Coreless Current Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

CQ-3202 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  CQ-3202_16 Datasheet HTML 1Page - Asahi Kasei Microsystems CQ-3202_16 Datasheet HTML 2Page - Asahi Kasei Microsystems CQ-3202_16 Datasheet HTML 3Page - Asahi Kasei Microsystems CQ-3202_16 Datasheet HTML 4Page - Asahi Kasei Microsystems CQ-3202_16 Datasheet HTML 5Page - Asahi Kasei Microsystems CQ-3202_16 Datasheet HTML 6Page - Asahi Kasei Microsystems CQ-3202_16 Datasheet HTML 7Page - Asahi Kasei Microsystems CQ-3202_16 Datasheet HTML 8Page - Asahi Kasei Microsystems CQ-3202_16 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
[CQ-3202]
016008764-E-00
2016/07
- 5 -
6. Safety Standards
- IEC/UL 60950-1 – Information Technology Equipment – Edition 2. (File No.E359197)
- CSA C22.2 NO. 60950-1-07 – Information Technology Equipment – Edition 2. (File No. E359197)
- UL 508 – Industrial Control Equipment – Edition 17. (File No. E353882)
7. Absolute Maximum Ratings
Table 3. Absolute maximum ratings.
Parameter
Symbol
Min.
Max.
Units
Notes
Supply Voltage
VDD
−0.3
6.5
V
VDD pin
Analog Output Current
IOUT
−1
1
mA
VOUT pin
Storage Temperature
Tstg
−40
125
°C
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal
operation is not guaranteed at these extremes.
8. Recommended Operating Conditions
Table 4. Recommended operating conditions.
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Supply Voltage
VDD
2.7
3.3
3.63
V
Analog Output Current
IOUT
−0.5
0.5
mA
VOUT pin
Output Load Capacitance
CL
100
pF
VOUT pin
Maximum Primary Current
(RMS)
IRMSmax
−20
20
A
DC value or RMS value which can
be applied to primary conductor
see Figure 3
Operating Ambient
Temperature
Ta
−40
90
°C
see Figure 3
WARNING: Electrical characteristics are not guaranteed when operated at or beyond these conditions.
Conditions: Mounted on the test board shown in Figure 12. VDD = 3.3V.
Figure 3. Primary current derating curve of CQ-3202.
Cooling or thermal radiation will improve the derating curve above.
(80
°C, 20A)
(90
°C, 10A)


Similar Part No. - CQ-3202_16

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-3202 AKM-CQ-3202 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
More results

Similar Description - CQ-3202_16

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-3203 AKM-CQ-3203 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330E AKM-CQ-330E Datasheet
557Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330A AKM-CQ-330A Datasheet
553Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-320A AKM-CQ-320A_16 Datasheet
622Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3201 AKM-CQ-3201 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3302 AKM-CQ-3302 Datasheet
564Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-320A AKM-CQ-320A Datasheet
622Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330F AKM-CQ-330F Datasheet
557Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330G AKM-CQ-330G Datasheet
621Kb / 19P
   High-Speed Response Coreless Current Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com