Electronic Components Datasheet Search |
|
CC1812CPX7R0BB121 Datasheet(PDF) 8 Page - YAGEO Corporation |
|
CC1812CPX7R0BB121 Datasheet(HTML) 8 Page - YAGEO Corporation |
8 / 18 page Mid-voltage NP0 /X7R 100 V to 630 V www.yageo.com Apr. 25, 2016 V.16 Surface-Mount Ceramic Multilayer Capacitors 8 18 Product specification CAPACITANCE RANGE & THICKNESS FOR NP0 Table 8 Sizes 1812 CAP. 1812 100 V 200 V 500 V 630V 10 pF 12 pF 15 pF 18 pF 22 pF 27 pF 33 pF 39 pF 47 pF 56 pF 1.25± 0.2 1.25± 0.2 68 pF 82 pF NOTE 1. Values in shaded cells indicate thickness class in mm 2. Capacitance value of non E-12 series is on request Table 9 Sizes 1812 (continued) CAP. 1812 100 V 200 V 500 V 630V 100 pF 1.25± 0.2 1.25± 0.2 120 pF 150 pF 180 pF 220 pF 270 pF 330 pF 1.25± 0.2 1.25± 0.2 390 pF 470 pF 560 pF 680 pF 820 pF 1 nF 1.2 nF 1.5 nF 1.8 nF 2.2 nF 2.7 nF 3.3 nF 3.9 nF 4.7 nF 5.6 nF 6.8 nF 8.2 nF 10 nF 12 nF 15 nF 18 nF 22 nF NOTE 1. Values in shaded cells indicate thickness class in mm 2. Capacitance value of non E-12 series is on request |
Similar Part No. - CC1812CPX7R0BB121 |
|
Similar Description - CC1812CPX7R0BB121 |