Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IIS328DQ Datasheet(PDF) 18 Page - STMicroelectronics

Part # IIS328DQ
Description  High-performance ultra-low-power 3-axis accelerometer with digital output for industrial applications
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS328DQ Datasheet(HTML) 18 Page - STMicroelectronics

Back Button IIS328DQ Datasheet HTML 14Page - STMicroelectronics IIS328DQ Datasheet HTML 15Page - STMicroelectronics IIS328DQ Datasheet HTML 16Page - STMicroelectronics IIS328DQ Datasheet HTML 17Page - STMicroelectronics IIS328DQ Datasheet HTML 18Page - STMicroelectronics IIS328DQ Datasheet HTML 19Page - STMicroelectronics IIS328DQ Datasheet HTML 20Page - STMicroelectronics IIS328DQ Datasheet HTML 21Page - STMicroelectronics IIS328DQ Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Digital interfaces
IIS328DQ
18/40
DocID027250 Rev 3
5.1.1
I²C operation
The transaction on the bus is started through a START (ST) signal. A START condition is
defined as a HIGH-to-LOW transition on the data line while the SCL line is held HIGH. After
this has been transmitted by the master, the bus is considered busy. The next byte of data
transmitted after the start condition contains the address of the slave in the first 7 bits and
the eighth bit tells whether the master is receiving data from the slave or transmitting data to
the slave. When an address is sent, each device in the system compares the first seven bits
after a start condition with its address. If they match, the device considers itself addressed
by the master.
The slave address (SAD) associated to the IIS328DQ is 001100xb. The SDO/SA0 pad can
be used to modify the less significant bit of the device address. If the SA0 pad is connected
to voltage supply, LSb is ‘1’ (address 0011001b), otherwise if the SA0 pad is connected to
ground, the LSb value is ‘0’ (address 0011000b). This solution permits the connection and
addressing of two different accelerometers to the same I²C lines.
Data transfer with acknowledge is mandatory. The transmitter must release the SDA line
during the acknowledge pulse. The receiver must then pull the data line LOW so that it
remains stable low during the HIGH period of the acknowledge clock pulse. A receiver
which has been addressed is obliged to generate an acknowledge after each byte of data
received.
The I²C embedded in the IIS328DQ behaves like a slave device, and the following protocol
must be adhered to. After the start condition (ST) a slave address is sent. Once a slave
acknowledge (SAK) has been returned, an 8-bit sub-address (SUB) is transmitted: the 7
LSb represent the actual register address while the MSb enables address auto-increment. If
the MSb of the SUB field is ‘1’, the SUB (register address) is automatically increased to
allow multiple data read/write.
The slave address is completed with a read/write bit. If the bit is ‘1’ (read), a repeated
START (SR) condition must be issued after the two sub-address bytes; if the bit is ‘0’ (write)
the master transmits to the slave with direction unchanged. Table 10 explains how the
SAD+Read/Write bit pattern is composed, listing all the possible configurations.
Table 10. SAD+Read/Write patterns
Command
SAD[6:1]
SAD[0] = SA0
R/W
SAD+R/W
Read
001100
0
1
00110001 (31h)
Write
001100
0
0
00110000 (30h)
Read
001100
1
1
00110011 (33h)
Write
001100
1
0
00110010 (32h)
Table 11. Transfer when master is writing one byte to slave
Master
ST
SAD + W
SUB
DATA
SP
Slave
SAK
SAK
SAK
Table 12. Transfer when master is writing multiple bytes to slave
Master
ST
SAD + W
SUB
DATA
DATA
SP
Slave
SAK
SAK
SAK
SAK


Similar Part No. - IIS328DQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IIS3DHHC STMICROELECTRONICS-IIS3DHHC Datasheet
663Kb / 30P
   High-resolution, high-stability 3-axis digital accelerometer
Rev 3 - March 2020
IIS3DHHC STMICROELECTRONICS-IIS3DHHC Datasheet
150Kb / 4P
   Digital inclinometer kit based on IIS3DHHC
Rev 1 - November 2020
IIS3DHHCTR STMICROELECTRONICS-IIS3DHHCTR Datasheet
663Kb / 30P
   High-resolution, high-stability 3-axis digital accelerometer
Rev 3 - March 2020
IIS3DWB STMICROELECTRONICS-IIS3DWB Datasheet
1Mb / 11P
   SensorTile Wireless Industrial Node development kit and reference
Rev 4 - May 2020
IIS3DWB STMICROELECTRONICS-IIS3DWB Datasheet
848Kb / 6P
   STWIN.box - SensorTile Wireless Industrial Node Development Kit
Rev 2 - January 2023
More results

Similar Description - IIS328DQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IIS2DH STMICROELECTRONICS-IIS2DH Datasheet
1Mb / 49P
   Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
April 2015 Rev 2
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
   MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
May 2019 Rev 4
AIS3624DQ STMICROELECTRONICS-AIS3624DQ Datasheet
1Mb / 41P
   ultra-low-power digital output 3-axis accelerometer
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
   High-performance ultra low-power 3-axis accelerometer
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
   ultra-low-power high-performance 3-axis accelerometer
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
   high performance ultra low-power 3-axis accelerometer
AIS2DW12 STMICROELECTRONICS-AIS2DW12 Datasheet
1Mb / 60P
   MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
June 2019 Rev 4
LIS2DH STMICROELECTRONICS-LIS2DH Datasheet
927Kb / 50P
   ultra low-power high performance 3-axis ?쐄emto??accelerometer
LIS2DS12 STMICROELECTRONICS-LIS2DS12 Datasheet
1Mb / 68P
   ultra-low-power high-performance 3-axis "pico" accelerometer
LIS3DE STMICROELECTRONICS-LIS3DE Datasheet
1Mb / 46P
   ultra-low-power high-performance 3-axis "nano" accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com