Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQ-236B Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # CQ-236B
Description  High-Speed Small-Sized Current Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

CQ-236B Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  CQ-236B_16 Datasheet HTML 1Page - Asahi Kasei Microsystems CQ-236B_16 Datasheet HTML 2Page - Asahi Kasei Microsystems CQ-236B_16 Datasheet HTML 3Page - Asahi Kasei Microsystems CQ-236B_16 Datasheet HTML 4Page - Asahi Kasei Microsystems CQ-236B_16 Datasheet HTML 5Page - Asahi Kasei Microsystems CQ-236B_16 Datasheet HTML 6Page - Asahi Kasei Microsystems CQ-236B_16 Datasheet HTML 7Page - Asahi Kasei Microsystems CQ-236B_16 Datasheet HTML 8Page - Asahi Kasei Microsystems CQ-236B_16 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
[CQ-236B]
016009490-E-00
2016/07
- 3 -
Absolute Maximum Ratings
Table 3. Absolute maximum ratings
Parameter
Symbol
Min.
Max.
Units
Notes
Supply Voltage
VDD
−0.3
6.5
V
VDD
Analog Output Current
IOUT
−1
1
mA
VOUT
Storage Temperature
Tstg
−40
125
C
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal
operation is not guaranteed at these extremes.
Primary Current Derating Curve
Conditions: Mounted on the test board complying with the EIA/JEDEC Standards (EIA/JESD51.)
NOTE) Cooling or thermal radiation will improve the derating curve above.
Figure 4. Primary current derating curve of CQ-236B
Recommended Operating Conditions
Table 4. Recommended operating conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Supply Voltage
VDD
4.5
5.0
5.5
V
Output Current
IOUT
−0.5
0.5
mA
VOUT
Output Load
Capacitance
CL
100
pF
VOUT
Operating Ambient
Temperature
Ta
−40
110
C
NOTE: Electrical characteristics are not guaranteed when operated at or beyond these conditions.
(95˚C)
(32 A)


Similar Part No. - CQ-236B_16

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-236B AKM-CQ-236B Datasheet
680Kb / 13P
   High-Speed Small-Sized Current Sensor
More results

Similar Description - CQ-236B_16

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-236B AKM-CQ-236B Datasheet
680Kb / 13P
   High-Speed Small-Sized Current Sensor
CQ-2366 AKM-CQ-2366 Datasheet
698Kb / 13P
   High-Speed Small-Sized Current Sensor
CQ-2333 AKM-CQ-2333 Datasheet
767Kb / 15P
   High-Speed Small Current Sensor
CQ-2332 AKM-CQ-2332 Datasheet
767Kb / 15P
   High-Speed Small Current Sensor
CQ-2234 AKM-CQ-2234 Datasheet
770Kb / 15P
   High-Speed Small Current Sensor
CQ-2334 AKM-CQ-2334 Datasheet
703Kb / 15P
   High-Speed Small Current Sensor
CQ-2233 AKM-CQ-2233 Datasheet
770Kb / 15P
   High-Speed Small Current Sensor
CQ-2235 AKM-CQ-2235 Datasheet
774Kb / 16P
   High-Speed Small Current Sensor
CQ-2335 AKM-CQ-2335 Datasheet
771Kb / 16P
   High-Speed Small Current Sensor
CQ-2232 AKM-CQ-2232 Datasheet
773Kb / 15P
   High-Speed Small Current Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com