Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS70 Datasheet(PDF) 12 Page - STMicroelectronics

Part # BAS70
Description  Low forward and reverse recovery times
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS70 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button BAS70 Datasheet HTML 6Page - STMicroelectronics BAS70 Datasheet HTML 7Page - STMicroelectronics BAS70 Datasheet HTML 8Page - STMicroelectronics BAS70 Datasheet HTML 9Page - STMicroelectronics BAS70 Datasheet HTML 10Page - STMicroelectronics BAS70 Datasheet HTML 11Page - STMicroelectronics BAS70 Datasheet HTML 12Page - STMicroelectronics BAS70 Datasheet HTML 13Page - STMicroelectronics BAS70 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Package information
BAS70
12/14
Doc ID 12563 Rev 2
Figure 22.
SOT-666 footprint (dimensions in mm)
Table 12.
SOT-666 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.45
0.60
0.018
0.024
A3
0.08
0.18
0.003
0.007
b
0.17
0.34
0.007
0.013
b1
0.19
0.27
0.34
0.007 0.011 0.013
D
1.50
1.70
0.059
0.067
E
1.50
1.70
0.059
0.067
E1
1.10
1.30
0.043
0.051
e0.50
0.020
L1
0.19
0.007
L2
0.10
0.30
0.004
0.012
L3
0.10
0.004
D
b
L3
L1
e
b1
E1
L2
E
A
A3
0.50
2.60
0.62
0.30
0.99


Similar Part No. - BAS70

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAS70 TSC-BAS70 Datasheet
114Kb / 2P
   200m Watts Surface Mount Schottky Barrier Diode
logo
NXP Semiconductors
BAS70 PHILIPS-BAS70 Datasheet
61Kb / 8P
   Schottky barrier double diodes
1999 Jun 01
logo
FutureWafer Tech Co.,Lt...
BAS70 FUTUREWAFER-BAS70 Datasheet
2Mb / 18P
   Surface Mount Switching Diode
27-DEC-2021 V 2.0
logo
Taiwan Semiconductor Co...
BAS70 TSC-BAS70 Datasheet
187Kb / 4P
   225mW SMD Switching Diode
logo
Weitron Technology
BAS70 WEITRON-BAS70 Datasheet
249Kb / 2P
   Surface Mount Schottky Barrier Diodes
More results

Similar Description - BAS70

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112-Y STMICROELECTRONICS-STTH112-Y Datasheet
221Kb / 7P
   Low forward and reverse recovery times
February 2014 Rev 1
STTH802C STMICROELECTRONICS-STTH802C Datasheet
177Kb / 9P
   Low forward and reverse recovery time
November 2016 Rev 3
logo
Micro Commercial Compon...
RB751S-40DP MCC-RB751S-40DP Datasheet
380Kb / 3P
   Low reverse current and low forward voltage
logo
Sangdest Microelectroni...
RB751S-40 SMC-RB751S-40 Datasheet
145Kb / 4P
   Low reverse current and low forward voltage
logo
Micro Commercial Compon...
RB520S-30DP MCC-RB520S-30DP Datasheet
425Kb / 3P
   Low Reverse Current and Low Forward Voltage
RB521S-30DP MCC-RB521S-30DP Datasheet
475Kb / 3P
   Low Reverse Current and Low Forward Voltage
logo
SEMTECH ELECTRONICS LTD...
MCR100-3 SEMTECH_ELEC-MCR100-3 Datasheet
283Kb / 2P
   Peak Repetitive Forward and Reverse Blocking
logo
Micro Commercial Compon...
MF150C06F2 MCC-MF150C06F2 Datasheet
565Kb / 4P
   Low Reverse Recovery Loss
MF200K06F3 MCC-MF200K06F3 Datasheet
511Kb / 4P
   Low Reverse Recovery Loss
logo
STMicroelectronics
STTH30W03C STMICROELECTRONICS-STTH30W03C Datasheet
177Kb / 8P
   Low reverse recovery current
May 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com