Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK9752AE Datasheet(PDF) 12 Page - Asahi Kasei Microsystems

Part # AK9752AE
Description  Ultra-small IR sensor IC with IC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK9752AE Datasheet(HTML) 12 Page - Asahi Kasei Microsystems

Back Button AK9752AE Datasheet HTML 8Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 9Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 10Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 11Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 12Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 13Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 14Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 15Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 16Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
[AK9752]
016016473-E-00
2017/1
- 12 -
10.5.
Read Measurement Data
When measurement data is stored and updated in the read-out register, DRDY bit of ST1 register
changes to
“1”. This state is called “Data Ready”.
It can be also set up so that INTN outputs
“L”, when the DRDY changes to “1”, by setting the interrupt
setting register INTEN.
By the either above ways, it can be confirmed whether Data Ready or not.
The read-out procedure is detailed as follows. (Single shot Mode is used as an example.)
10.5.1.
Normal Read-out Procedure
(1) Read out ST1 register
DRDY: DRDY bit shows whether the state is
“Data Ready” or not.
DRDY =
“0” means “No Data Ready”.
DRDY =
“1” means “Data Ready”.
It is recommended that measurement data is read out when DRDY =
“1”.
(2) Read out INTCAUSE register
Interrupt factors can be found out by reading out INTCAUSE register.
Refer to 13. Registers Functional Descriptions for details.
When starting reading-out of INTCAUSE register, measurement data are transferred to read-out
registers and retained. (Data protection)
INTN returns to
“Hi-Z” after reading out INTCAUSE register.
(3) Read out measurement data
(4) Read out ST2 resister (Required Operation)
AK9752 recognizes that a data read-out has finished by read out the ST2 registers. Because
read-out registers are protected while reading out, data is not updated. Data protection of the
read-out registers is released by reading out the ST2 register. The ST2 register must be read out
after accessing read-out registers.
DOR: DOR bit shows whether there are any data which had not been read out before initiating
the current read.
DOR= “0” means that there are no data which had not been read out
before initiating the current read.
DOR= “1” means that there are data which had not been read out
before initiating the current read.
DRDY and DOR changes to
“0” after reading out ST2 register.
Figure 10.4. Normal Read-out Procedure
(N) th
(N+1) th
(N+2) th
Measurement
Meas.
PD (Power down)
Meas.
PD
Meas.
PD
Internal Buffer
(N-1)th data
(N)th data
(N+1)th data
(N+2)th data
Read-out Register
(N-1)th data
(N)th data
(N+1)th data
(N+2)th data
DRDY(ST1)
DOR(ST2)
INTN output
SDA output
ST1 INTC (N)th data
ST2
ST1 INTC (N+1)th data
ST2
* INTC = INTCAUSE
DRDY changes to "0" because Read-out Register
is not updated at read-out completion.


Similar Part No. - AK9752AE

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9752 AKM-AK9752 Datasheet
1Mb / 36P
   Ultra-small IR sensor IC with IC
More results

Similar Description - AK9752AE

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9752 AKM-AK9752 Datasheet
1Mb / 36P
   Ultra-small IR sensor IC with IC
AK9754 AKM-AK9754 Datasheet
1Mb / 43P
   Ultra-small IR Sensor IC with I2C I/F
logo
Sanyo Semicon Device
LA0151CS SANYO-LA0151CS Datasheet
145Kb / 6P
   Monolithic Linear IC For Ultra-small illumination Sensor Photo IC
LA0152CS SANYO-LA0152CS Datasheet
243Kb / 6P
   Monolithic Linear IC For Ultra-small illumination Sensor Photo IC
logo
Asahi Kasei Microsystem...
AK9753 AKM-AK9753 Datasheet
1Mb / 50P
   IR Sensor IC with I2C I/F
AK9750 AKM-AK9750 Datasheet
1Mb / 49P
   IR Sensor IC with I2C I/F
logo
ON Semiconductor
ENA1633 ONSEMI-ENA1633 Datasheet
202Kb / 7P
   Photo IC for Ultra-small illumination Sensor
August, 2013
logo
Sanyo Semicon Device
LV0101CF SANYO-LV0101CF Datasheet
184Kb / 6P
   For Ultra-small illumination Sensor Photo IC
logo
ON Semiconductor
ENA0975B ONSEMI-ENA0975B Datasheet
143Kb / 7P
   Photo IC for Ultra-small illumination Sensor
August, 2013
logo
Silicon Laboratories
SI1153 SILABS-SI1153 Datasheet
1Mb / 58P
   Proximity/Ambient Light Sensor IC with IC Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com