Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7735EQ Datasheet(PDF) 51 Page - Asahi Kasei Microsystems

Part # AK7735EQ
Description  Dual DSP with 4chADC 4chDAC 4chSRC
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7735EQ Datasheet(HTML) 51 Page - Asahi Kasei Microsystems

Back Button AK7735EQ Datasheet HTML 47Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 48Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 49Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 50Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 51Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 52Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 53Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 54Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 55Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 142 page
background image
[AK7735]
016014707-E-00
2016/12
- 51 -
Source Select
Registers
Contents
Output Port
Clock Sync Domain
Setting Register
SELDO1A[5:0]
SDOUT1(pin) Output
TDMO1 Slot1, Slot2
SDOUT1
SDDO1[2:0]
SELDO1B[5:0]
TDMO1 Slot3, Slot4
SELDO1C[5:0]
TDMO1 Slot5, Slot6
SELDO1D[5:0]
TDMO1 Slot7, Slot8
SELDO2A[5:0]
SDOUT2(pin) Output
TDMO2 Slot1, Slot2
SDOUT2
SDDO2[2:0]
SELDO2B[5:0]
TDMO2 Slot3, Slot4
SELDO2C[5:0]
TDMO2 Slot5, Slot6
SELDO2D[5:0]
TDMO2 Slot7, Slot8
SELDO3A[5:0]
SDOUT3(pin) Output
TDMO3 Slot1, Slot2
SDOUT3
SDDO3[2:0]
SELDO3B[5:0]
TDMO3 Slot3, Slot4
SELDO3C[5:0]
TDMO3 Slot5, Slot6
SELDO3D[5:0]
TDMO3 Slot7, Slot8
SELDO4A[5:0]
SDOUT4(pin) Output
TDMO4 Slot1, Slot2
SDOUT4
SDDO4[2:0]
SELDO4B[5:0]
TDMO4 Slot3, Slot4
SELDO4C[5:0]
TDMO4 Slot5, Slot6
SELDO4D[5:0]
TDMO4 Slot7, Slot8
SELDA1[5:0]
DAC1 Input
DAC1
SDCODEC[2:0]
SELDA2[5:0]
DAC2 Input
DAC2
D1SELDI1[5:0]
DSP1 Input 1
DIN101
(Auto)
D1SELDI2[5:0]
DSP1 Input 2
DIN102
(Auto)
D1SELDI3[5:0]
DSP1 Input 3
DIN103
(Auto)
D1SELDI4[5:0]
DSP1 Input 4
DIN104
(Auto)
D1SELDI5[5:0]
DSP1 Input 5
DIN105
(Auto)
D1SELDI6[5:0]
DSP1 Input 6
DIN106
(Auto)
D2SELDI1[5:0]
DSP2 Input 1
DIN201
(Auto)
D2SELDI2[5:0]
DSP2 Input 2
DIN202
(Auto)
D2SELDI3[5:0]
DSP2 Input 3
DIN203
(Auto)
D2SELDI4[5:0]
DSP2 Input 4
DIN204
(Auto)
D2SELDI5[5:0]
DSP2 Input 5
DIN205
(Auto)
D2SELDI6[5:0]
DSP2 Input 6
DIN206
(Auto)
SELSRCI1[5:0]
SRC1 Input
SRCI1
(Auto)
SELSRCI2[5:0]
SRC2 Input
SRCI2
(Auto)
Table 20. Source Select Registers of Output Ports
Notes
* 53. If the output port source is changed to ALL0 when the clock sync domain setting is
“Auto”, the clock
sync domain before changing the data source will be kept. This clock sync domain should not be
stopped immediately after changing the data source otherwise the output data will not become
ALL0 correctly.
* 54. Clock Sync Domain of the SDINx pin is automatically selected by setting EXBCKx[1:0] bits, MSNx
bit and SDBCKx[2:0] bits (Table 14, Table 15, Table 16).
* 55. SDINxB~D are only valid in TDM mode. These ports are fixed to
“0” if it is not in TDM mode.
* 56. Input data to the input port 1~6 of the DSP must be selected from a data based on a clock sync
domain which is synchronized with PLLMCLK.


Similar Part No. - AK7735EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
More results

Similar Description - AK7735EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
logo
Cirrus Logic
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
   32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
   SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
   SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
logo
Cirrus Logic
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
   High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com