Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7735EQ Datasheet(PDF) 46 Page - Asahi Kasei Microsystems

Part # AK7735EQ
Description  Dual DSP with 4chADC 4chDAC 4chSRC
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7735EQ Datasheet(HTML) 46 Page - Asahi Kasei Microsystems

Back Button AK7735EQ Datasheet HTML 42Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 43Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 44Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 45Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 46Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 47Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 48Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 49Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 50Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 142 page
background image
[AK7735]
016014707-E-00
2016/12
- 46 -
Audio Data Path Setting
1. Data Bus, In/Output Port
The AK7735 has a 32-bit serial audio stereo data bus (Figure 17). Inputs and outputs of each internal
block and all input/output pins of the AK7735 are connected to this serial audio data bus. The port that
data is input to this serial audio data bus is defined as
“input port” and the port that data is output from
the audio data bus is defined as
“output port”. Each port selects Clock Sync Domain and inputs (outputs)
audio data that synchronized to the reference clock of the Clock Sync domain to the data bus (Figure
17).
A stereo data on each port is defined as
“data source”. All data sources are connected to the serial audio
bus and a data source on any input port can be output to any output port. Data connection of the input
port and the output port with the same sampling frequency via data bus is defined as
“data path”. Input
and output ports on the same data path should have the same Clock Sync Domain. If these ports have
different Clock Sync Domains, reference clocks (BICKSDx, LRCKSDx) must be synchronized and the
sampling frequency of LRCKSDx must be the same. However, phase synchronization of reference
clocks is not necessary and frequencies of BICKSDx can be different.
An SRC is necessary for data transmission between two ports that have clock sync domain with different
sampling frequencies or asynchronous reference clocks.
e.g.) Data Path Example (Figure 16)
It is an example of outputting data from the DAC1 after converting fs=8kHz input data from
the SDIN1 pin to fs=48kHz by SRC. Path 1 is defined from the SDIN1 pin to SRC1. Path2 is
defined from SRC1 to DAC1. Set the same clock sync domain for data ports of the Path1
(SDIN1 input and SRC1 output ports), and for the data ports of the Path2 (SRC1 input port
and DAC1), independently.
Data Bus
DAC1
SDOUT1~
5
DACI1
SDIN1pin
SDIN1
SDOUT1~
5
: Input Port
: Output Port
SDIN1
SDIN1
SRC1
SDIN1
SRCO1
SDOUT1~
5
SRCI1
PATH1(fs=8kHz)
PATH2(fs=48kHz)
Figure 16. Data Path Example


Similar Part No. - AK7735EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
More results

Similar Description - AK7735EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
logo
Cirrus Logic
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
   32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
   SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
   SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
logo
Cirrus Logic
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
   High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com