Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7735EQ Datasheet(PDF) 27 Page - Asahi Kasei Microsystems

Part # AK7735EQ
Description  Dual DSP with 4chADC 4chDAC 4chSRC
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7735EQ Datasheet(HTML) 27 Page - Asahi Kasei Microsystems

Back Button AK7735EQ Datasheet HTML 23Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 24Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 25Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 26Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 27Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 28Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 29Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 30Page - Asahi Kasei Microsystems AK7735EQ Datasheet HTML 31Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 142 page
background image
[AK7735]
016014707-E-00
2016/12
- 27 -
4. Short Delay Slow Roll-
Off Filter (DASD bit = “1”, DASL bit = “1”)
fs=48kHz
Parameter
Symbol
Min.
Typ.
Max.
Unit
SHORT DELAY SLOW ROLL-OFF
Passband * 33
0.05dB
PB
0
12.0
kHz
3.0dB
PB
21.1
kHz
Passband Ripple * 28
PR
-0.05
0.05
dB
Stopband * 33
SB
41.5
kHz
Stopband Attenuation * 30, * 31
SA
82.0
dB
Group Delay * 29
GD
5.3
1/fs
Digital Filter + SCF + SMF * 30
Frequency Response : 0
 20.0kHz
-4.8
0.1
dB
fs=96kHz
Parameter
Symbol
Min.
Typ.
Max.
Unit
SHORT DELAY SLOW ROLL-OFF
Passband * 33
0.05dB
PB
0
24.2
kHz
3.0dB
PB
42.1
kHz
Passband Ripple * 28
PR
-0.05
0.05
dB
Stopband * 33
SB
83.0
kHz
Stopband Attenuation * 30, * 31
SA
82.0
dB
Group Delay * 29
GD
5.3
1/fs
Digital Filter + SCF + SMF * 30
Frequency Response : 0
 40.0kHz
-5.0
0.1
dB
fs=192kHz
Parameter
Symbol
Min.
Typ.
Max.
Unit
SHORT DELAY SLOW ROLL-OFF
Passband * 33
0.05dB
PB
0
48.4
kHz
3.0dB
PB
84.3
kHz
Passband Ripple * 28
PR
-0.05
0.05
dB
Stopband * 33
SB
165.9
kHz
Stopband Attenuation * 30, * 31
SA
82.0
dB
Group Delay * 29
GD
5.3
1/fs
Digital Filter + SCF + SMF * 30
Frequency Response : 0
 80.0kHz
-5.7
0.1
dB
Note
* 33. The passband and stopband frequencies are proportional to fs (sampling rate).
“PB = 0.252
 fs, SB = 0.864  fs”


Similar Part No. - AK7735EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
More results

Similar Description - AK7735EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7735 AKM-AK7735 Datasheet
3Mb / 142P
   Dual DSP with 4chADC 4chDAC 4chSRC
AK7735A AKM-AK7735A Datasheet
3Mb / 43P
   Dual DSP with 4chADC 4chDAC 4chSRC
logo
Cirrus Logic
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
   32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
   SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
   SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
logo
Cirrus Logic
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
   High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com