Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5558VN Datasheet(PDF) 49 Page - Asahi Kasei Microsystems

Part # AK5558VN
Description  8-Channel Differential 32-bit ADC
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5558VN Datasheet(HTML) 49 Page - Asahi Kasei Microsystems

Back Button AK5558VN_16 Datasheet HTML 45Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 46Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 47Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 48Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 49Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 50Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 51Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 52Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 53Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
[AK5558]
015099850-E-00
2016/03
- 49 -
PW2
pin
PW1
pin
PW0
pin
Data on Slot
Slot 8
Slot 7
Slot 6
Slot 5
Slot 4
Slot 3
Slot 2
Slot 1
L
L
L
All
“0”
All
“0”
All
“0”
All
“0”
All
“0”
All
“0”
All
“0”
All
“0”
L
L
H
All
“0”
All
“0”
All
“0”
All
“0”
TDMIN
TDMIN
(CH5+6
7+8)/4
(CH1+2
+3+4)/4
L
H
L
All
“0”
All
“0”
All
“0”
All
“0”
(CH7+8)
/2
(CH5+6)
/2
(CH3+4)
/2
(CH1+2)
/2
L
H
H
All
“0”
All
“0”
All
“0”
All
“0”
TDMIN
TDMIN
TDMIN
(CH1+2+
3+4+5+6
+7+8)/8
H
L
L
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
H
L
H
All
“0”
All
“0”
All
“0”
All
“0”
TDMIN
TDMIN
(CH5+6
7+8)/4
(CH1+2
+3+4)/4
H
H
L
All
“0”
All
“0”
All
“0”
All
“0”
(CH7+8)
/2
(CH5+6)
/2
(CH3+4)
/2
(CH1+2)
/2
H
H
H
All
“0”
All
“0”
All
“0”
All
“0”
TDMIN
TDMIN
TDMIN
(CH1+2+
3+4+5+6
+7+8)/8
Table 15. Slot Data Assign (Parallel Control Mode, ODP pin=
“H”, TDM128)
PW2
pin
PW1
pin
PW0
pin
Data on Slot
Slot 8
Slot 7
Slot 6
Slot 5
Slot 4
Slot 3
Slot 2
Slot 1
L
L
L
All
“0”
All
“0”
All
“0”
All
“0”
All
“0”
All
“0”
All
“0”
All
“0”
L
L
H
TDMIN
TDMIN
TDMIN
TDMIN
TDMIN
TDMIN
(CH5+6
7+8)/4
(CH1+2
+3+4)/4
L
H
L
TDMIN
TDMIN
TDMIN
TDMIN
(CH7+8)
/2
(CH5+6)
/2
(CH3+4)
/2
(CH1+2)
/2
L
H
H
TDMIN
TDMIN
TDMIN
TDMIN
TDMIN
TDMIN
TDMIN
(CH1+2+
3+4+5+6
+7+8)/8
H
L
L
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
H
L
H
TDMIN
TDMIN
TDMIN
TDMIN
TDMIN
TDMIN
(CH5+6
7+8)/4
(CH1+2
+3+4)/4
H
H
L
TDMIN
TDMIN
TDMIN
TDMIN
(CH7+8)
/2
(CH5+6)
/2
(CH3+4)
/2
(CH1+2)
/2
H
H
H
TDMIN
TDMIN
TDMIN
TDMIN
TDMIN
TDMIN
TDMIN
(CH1+2+
3+4+5+6
+7+8)/8
Table 16. Slot Data Assign (Parallel Control Mode, ODP pin=
“H”, TDM256 & TDM512)


Similar Part No. - AK5558VN_16

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK5558VN HUAXINAN-AK5558VN Datasheet
135Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5558VN AKM-AK5558VN Datasheet
135Kb / 5P
   115dB 768kHz 32-bit 8ch ADC with 4Filters
More results

Similar Description - AK5558VN_16

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5578 AKM-AK5578 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538 AKM-AK5538 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5558 AKM-AK5558 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5578EN AKM-AK5578EN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ?꾬걪 ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com