Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5558VN Datasheet(PDF) 20 Page - Asahi Kasei Microsystems

Part # AK5558VN
Description  8-Channel Differential 32-bit ADC
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5558VN Datasheet(HTML) 20 Page - Asahi Kasei Microsystems

Back Button AK5558VN_16 Datasheet HTML 16Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 17Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 18Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 19Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 20Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 21Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 22Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 23Page - Asahi Kasei Microsystems AK5558VN_16 Datasheet HTML 24Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
[AK5558]
015099850-E-00
2016/03
- 20 -
(Ta=
40 - +105 C; AVDD= 4.5-5.5 V, TVDD= 1.7-1.98 V (LDOE pin=“L”) or 3.0-3.6 V (LDOE pin=“H”),
VDD18= 1.7-1.98 V
(LDOE pin=“L”), C
L= 10 pF)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Audio Interface Timing (Slave mode)
Normal mode (TDM1-
0 bits = “00”)
(8 kHz
 fs  216 kHz) (Figure 19)
(LDOE pin =
“H”)
BICK Period
Normal Speed mode
Double Speed mode
Quad Speed mode
BICK Pulse Width Low
BICK Pulse Width High
LRCK Edge to BICK “↑”
(Note 19)
BICK “↑” to LRCK Edge
(Note 19)
LRCK to SDTO (MSB) (Except I
2S mode)
BICK “↓”to SDTO1/2/3/4
tBCK
tBCK
tBCK
tBCKL
tBCKH
tLRB
tBLR
tLRS
tBSD
1/128fsn
1/128fsd
1/64fsq
32
32
25
25
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
25
25
ns
ns
ns
ns
ns
ns
ns
ns
ns
Normal mode (TDM1-0 bits =
“00”)
(8 kHz
≤ fs ≤ 216 kHz) (Figure 19)
(LDOE pin =
“L”)
BICK Period
Normal Speed mode (8 kHz
≤ fs ≤ 48 kHz)
Double Speed mode (48
kHz ≤ fs ≤ 96 kHz)
Quad Speed mode (96
kHz ≤ fs ≤ 192 kHz)
BICK Pulse Width Low
BICK Pulse Width High
LRCK Edge to BICK
“↑”
(Note 19)
BICK
“↑” to LRCK Edge
(Note 19)
LRCK to SDTO (MSB) (Except I
2S mode)
BICK
“↓” to SDTO1/2/3/4
tBCK
tBCK
tBCK
tBCKL
tBCKH
tLRB
tBLR
tLRS
tBSD
1/128fsn
1/128fsd
1/64fsq
36
36
30
30
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
30
30
ns
ns
ns
ns
ns
ns
ns
ns
ns
Normal mode (TDM1-0 bits =
“00”)
(fs = 384 kHz, 768 kHz) (Figure 20)
BICK Period
Oct Speed mode
Hex Speed mode
BICK Pulse Width Low
BICK Pulse Width High
LRCK Edge to BICK
“↑”
(Note 19)
BICK
“↑” to LRCK Edge
(Note 19)
BICK
“↑” to SDTO1/2/3/4
tBCK
tBCK
tBCKL
tBCKH
tLRB
tBLR
tBSDD
1/64fso
1/48fsh
12
12
12
12
5
-
-
-
-
-
-
-
-
-
-
-
-
-
22
ns
ns
ns
ns
ns
ns
ns
Note 18. When the 1024fs, 512fs or 768fs /256fs or 384fs /128fs or 192fs are switched, the AK5558
should be reset by the PDN pin or RSTN bit.
Note 19. BICK rising edge must not occur at the same time as LRCK edge.


Similar Part No. - AK5558VN_16

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK5558VN HUAXINAN-AK5558VN Datasheet
135Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5558VN AKM-AK5558VN Datasheet
135Kb / 5P
   115dB 768kHz 32-bit 8ch ADC with 4Filters
More results

Similar Description - AK5558VN_16

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5578 AKM-AK5578 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538 AKM-AK5538 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5558 AKM-AK5558 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5578EN AKM-AK5578EN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ?꾬걪 ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com