Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4376AECB Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4376AECB
Description  Low-Power Advanced 32-bit DAC with HP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4376AECB Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4376AECB Datasheet HTML 1Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 2Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 3Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 4Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 5Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 6Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 7Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 8Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
[AK4376A]
016014206-E-00
2016/11
- 1 -
1. General Description
The AK4376A is stereo advanced 32-bit high sound quality audio DAC with a built-in
ground-referenced headphone amplifier. An internal circuit newly developed 32-bit digital filters for
better sound quality, achieving low distortion characteristics and wide dynamic range. The sampling
frequency supports up to 384 kHz. The AK4376A is available in a 36-pin CSP package, utilizing less
board space than competitive offerings.
2. Features
1. Stereo High Sound Quality Low Power Advanced 32-bit DAC
- 4 types of Digital Filter for Sound Color Selection
- 2 types of Operation Mode (High Performance Mode / Low Power Mode)
2. Ground-referenced Class-G Stereo Headphone-Amp
- Output Power: 25 mW @ 32
Ω, THD+N <
60 dB
45 mW @ 16
Ω, THD+N <
60 dB
- THD+N:
107 dB
- S/N: 125 dB
- Output Noise Level:
125 dBV (Analog Volume  14 dB)
- Analog Volume: +6 to
20 dB & Mute, 2 dB Step
- Ground Loop Noise Cancellation
3. HeadPhone-Amp Output comply with IEC61000-4-2 Level4 ESD Protection
4. Digital Audio interface
- Master/Slave mode
- Sampling Frequency:
Slave Mode: 8 k, 11.025 k, 12 k, 16 k, 22.05 k, 24 k, 32 k, 44.1 k, 48 k, 64 k, 88.2 k,
96 k, 128 k,176.4 k, 192 kHz, 256 k, 352.8 k, 384 kHz
Master Mode: 8 k, 11.025 k, 12 k, 16 k, 22.05 k, 24 k, 32 k, 44.1 k, 48 k, 64 k, 88.2 k,
96 k, 176.4 k, 192 kHz
- Interface Format: 32/24/16-bit I
2S/MSB justified
5. Power Management
6. PLL
7. X
’tal Oscillator
8.
μP I/F: I2C (400 kHz)
9. Ta =
40 to 85C
10. Power Supply:
 AVDD (DAC, PLL):
1.7 to 1.9 V
 CVDD (HP-Amp, Charge Pump):
1.7 to 1.9 V
 LVDD (LDO2 for Digital Core):
1.7 to 1.9 V (built-in LDO)
 TVDD (Audio I/F):
1.65 to 3.6 V
11. Package: 36-pin CSP (2.74 x 2.56 mm, 0.4 mm pitch)
Low-Power Advanced 32-bit DAC with HP
AK4376A


Similar Part No. - AK4376AECB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
More results

Similar Description - AK4376AECB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4376ECB AKM-AK4376ECB Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4377A AKM-AK4377A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4376 AKM-AK4376 Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4375A AKM-AK4375A Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4375AECB AKM-AK4375AECB Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4331 AKM-AK4331 Datasheet
2Mb / 91P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4456 AKM-AK4456 Datasheet
2Mb / 84P
   115dB 768kHz Advanced 32-bit DAC
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com