Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4376AECB Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4376AECB
Description  Low-Power Advanced 32-bit DAC with HP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4376AECB Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4376AECB Datasheet HTML 5Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 6Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 7Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 8Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 9Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 10Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 11Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 12Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
[AK4376A]
016014206-E-00
2016/11
- 9 -
6. Absolute Maximum Ratings
(VSS1 = VSS2 = VSS3 = VSS4 = 0 V; Note 7, Note 8)
Parameter
Symbol
Min.
Max.
Unit
Power
Analog
AVDD
0.3
4.3
V
Supplies:
HP-Amp/Charge Pump
CVDD
0.3
4.3
V
(Note 6)
LDO2 for Digital Core
LVDD
0.3
4.3
V
Digital I/F
TVDD
0.3
4.3
V
Input Current, Any Pin Except Supplies
IIN
-
10
mA
Analog Input Voltage (Note 9)
VINA
0.3
AVDD+0.3 or 4.3
V
Digital Input Voltage (Note 10)
VIND
0.3
TVDD+0.3 or 4.3
V
Ambient Temperature (powered applied)
Ta
40
85
C
Storage Temperature
Tstg
65
150
C
Note 6. Charge pump 1 & 2 are not in operation. In the case that charge pump 1 & 2 are in operation, the
maximum values of AVDD and CVDD become 2.15 V.
Note 7. All voltages with respect to ground.
Note 8. VSS1, VSS2, VSS3 and VSS4 must be connected to the same analog plane.
Note 9. XTI pin
The maximum value of input voltage is lower value between (AVDD+0.3)V and 4.3V.
Note 10. MCKI, BCLK, LRCK, SDATA, SCL, SDA, PDN, TESTI1, TESTI2 pins
The maximum value of input voltage is lower value between (TVDD+0.3)V and 4.3V.
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal
Operation is not guranteed at these extremes.
7. Recommended Operating Conditions
(VSS1 = VSS2 = VSS3 = VSS4 = 0 V; Note 11)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power
Analog
AVDD
1.7
1.8
1.9
V
supplies
HP-Amp / Charge Pump
CVDD
1.7
1.8
1.9
V
(Note 12)
LDO2 for Digital Core
LVDD
1.7
1.8
1.9
V
Digital I/F
TVDD
1.65
1.8
3.6
V
Note 11. All voltages with respect to ground.
Note 12. Each power up/down sequence is shown below.
<Power-up>
1. PDN pin =
“L”
2. TVDD, AVDD, LVDD, CVDD
(AVDD must be powered up before or at the same time of CVDD. The power-up sequence of
TVDD and LVDD is not critical.)
3.
The PDN pin is allowed to be “H” after all power supplies are applied and settled.
<Power-down>
1. PDN pin =
“L”
2. TVDD, AVDD, LVDD, CVDD
(CVDD must be powered down before or at the same time of AVDD. The power-down
sequence of TVDD and LVDD is not critical.)


Similar Part No. - AK4376AECB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
More results

Similar Description - AK4376AECB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4376ECB AKM-AK4376ECB Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4377A AKM-AK4377A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4376 AKM-AK4376 Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4375A AKM-AK4375A Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4375AECB AKM-AK4375AECB Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4331 AKM-AK4331 Datasheet
2Mb / 91P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4456 AKM-AK4456 Datasheet
2Mb / 84P
   115dB 768kHz Advanced 32-bit DAC
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com